Electronic Components Datasheet Search
  English  ▼

X  

RT9834 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9834
Description  Micro-Power Voltage Detector with Manual Reset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9834 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9834 Datasheet HTML 1Page - Richtek Technology Corporation RT9834 Datasheet HTML 2Page - Richtek Technology Corporation RT9834 Datasheet HTML 3Page - Richtek Technology Corporation RT9834 Datasheet HTML 4Page - Richtek Technology Corporation RT9834 Datasheet HTML 5Page - Richtek Technology Corporation RT9834 Datasheet HTML 6Page - Richtek Technology Corporation RT9834 Datasheet HTML 7Page - Richtek Technology Corporation RT9834 Datasheet HTML 8Page - Richtek Technology Corporation RT9834 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9834
3
DS9834-00 May 2013
www.richtek.com
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Timer
The Timer provides four kinds of delay time options
including 0ms, 55ms, 220ms, and 450ms.
VSET
The VSET generates a fixed threshold voltage.
CMP
Voltage Comparator which compares the voltage difference
between threshold voltage and VDD.
POR
Power on reset. It will set all digital logic to the right state
when power on.
Operation
When VDD is lower than threshold voltage set by VSET
circuit, the RESET output becomes high. If VDD remains
higher than the threshold voltage with a hysteresis voltage,
Timer will be active. After a specific delay time, the RESET
output becomes low. There is an internal pull-high resistor
connected to the MR pin. MR resets the RT9834 only
when it is pulled low. When MR releases and waits for a
delay time, output returns to its normal state related to
VDD. The RESET pin is a Pull-Push output, and it will
pull the output high to VDD, low to Ground. Adding a pull-
high resistor tied to any power which higher than VDD is
forbidden.
Timer
VSET
Threshold
Voltage Setting
POR
Power On Reset
CMP
N MOS
RESET/
RESET
VDD
VDD
P MOS
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com