Electronic Components Datasheet Search
  English  ▼

X  

MAX5943BEEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5943BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1ON
On/Off-Control Input. ON sets the undervoltage lockout threshold and resets the part after a fault latch.
Drive ON high to enable the device. Drive ON low to disable the device. Connect ON to IN for the default
undervoltage lockout threshold. Connect a resistor-divider from IN to ON and GND to program the desired
undervoltage lockout threshold.
2
FAULT
Current-Fault, Active-Low, Open-Drain Output. FAULT asserts and latches low after a current-limit/circuit-
breaker fault has exceeded the current-limit/circuit-breaker timeout period (see the FAULT section).
3
TIM
Current-Limit/Circuit-Breaker Timeout Adjustment Input. Connect TIM to IN for the default timeout period or
connect a resistor from TIM to GND to program the current-limit/circuit-breaker timeout period.
4
ILIM
Current-Limit/Circuit-Breaker Threshold Input. Leave ILIM open for a 40mV circuit-breaker threshold,
connect to GND for a 50mV circuit-breaker threshold, or connect to IN for a 60mV circuit-breaker threshold
(see the Current Limiting section).
5
LATCH
Latch or Autoretry Fault Management Selection Input. Connect LATCH to IN to select latch-off mode
after a current-limit/circuit-breaker timeout. Connect LATCH to GND for autorestart mode after a current-
limit/circuit-breaker timeout.
6
OR_ADJ
ORing Switch Turn-On Current Threshold Adjustment Input. Select one of three ORing switch turn-on
threshold settings: connect OR_ADJ to GND, connect OR_ADJ to IN, or leave OR_ADJ floating (see the
Power-Supply ORing section).
7, 10, 13
N.C.
No Connection. Not internally connected.
8
ONQ1
ORing Switch Manual Turn-On Input. Drive ONQ1 low to enable power-supply ORing. Drive ONQ1 high
to set GATE1 high to allow reverse current flow. ONQ1 is disabled when VIN is below the UVLO threshold,
VON is below the VON_REF threshold, and after a current/circuit-breaker fault.
9
GND
Ground
11
OUT
Output Voltage Sense. Connect to the output.
12
GATE2
Current-Limiter Switch Gate Drive Output. Connect GATE2 to the gate of the 2nd n-channel MOSFET.
GATE2 is a charge pump with a 45µA pullup current to 5.5V (typ) above OUT when active (see the Typical
Operating Circuit).
14
GATE1
ORing Switch Gate-Drive Output. Connect GATE1 to the gate of the 1st n-channel MOSFET. GATE1 is a
charge pump with a 45µA pullup current to 5.5V (typ) above SENSE when active (see the Typical
Operating Circuit).
15
SENSE
Current-Sense Negative Input. Connect a current-sense resistor, RSENSE, from IN to SENSE (see the
Typical Operating Circuit).
16
IN
Input Power and Current-Sense Positive Input. Connect IN to the positive terminal of the current-sense
resistor and to the power source (see the Typical Operating Circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com