Electronic Components Datasheet Search
  English  ▼

X  

MAX5943BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5943BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = +12V, TA = +25°C, unless otherwise noted.)
GATE2 DRIVE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5.203
5.206
5.209
5.212
5.215
5.218
5.221
5.224
5.227
5.230
5.200
-40
85
ON HIGH VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.252
1.254
1.256
1.258
1.260
1.250
-40
85
ON LOW VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-40
85
1.182
1.184
1.186
1.188
1.190
1.192
1.194
1.196
1.198
1.200
1.180
FAULT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-40
85
20
40
60
80
100
120
140
160
180
200
0
IFAULT = 5mA
ORing THRESHOLD RESPONSE TIME
MAX5943 toc14
IIN
500mA/div
VOUT
5V/div
(VGATE - VSENSE)
5V/div
VIN
10V/div
100µs/div
OR_ADJ = IN
TURN-OFF RESPONSE TIME
MAX5943 toc15
IIN
1A/div
VOUT
10V/div
VGATE2
10V/div
VON
2V/div
200ns/div
MAX5943A SHORT-CIRCUIT EVENT
(VIN = 37V)
MAX5943 toc16
IIN
1A/div
VOUT
50V/div
VGATE2
50V/div
VIN
50V/div
400µs/div
TIM = IN
ILIM = GND
VFAULT
50V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com