Electronic Components Datasheet Search
  English  ▼

X  

MAX5943BEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5943BEEE
Description  FireWire Current Limiter and Low-Drop ORing Switch Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5943BEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5943BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5943BEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FireWire Current Limiter and Low-Drop
ORing Switch Controller
10
______________________________________________________________________________________
Detailed Description
The MAX5943 performs hot-swapping, power-supply
ORing, and current limiting for FireWire power-supply
applications. The MAX5943 incorporates two MOSFET
drivers (GATE1 and GATE2) to control two external
n-channel power MOSFETs to perform low-voltage-drop
power-supply ORing (GATE1) and hot swapping and
current limiting (GATE2) from the input power supply to
the load. A sense resistor provides accurate current-
limiting/circuit-breaker function. GATE1 and GATE2
provide true load disconnect to prevent current flowing
from either direction between IN and OUT.
The MAX5943 remains in low-current shutdown mode
when VON is below the 0.4V threshold. Low-current
shutdown mode disables the MAX5943, resulting in
less than 10µA supply current. Shutdown places all
logic inputs in a high-impedance state allowing the
inputs to be connected to IN without drawing additional
current from the supply.
When the input supply voltage (VIN) is above 7.5V and
VON is above the VON_REF threshold, the MAX5943
turns on, sourcing 45µA current from GATE2 (current
regulation) to enhance Q2 slowly. For the MAX5943A, if
the voltage across the current-sense resistor, VIS, is
greater than the programmed current-limit threshold,
the MAX5943A regulates the GATE2 voltage to limit the
load current at the current-limit level so that VIS is equal
to VTH. In normal operation, VIS drops below VTH and
GATE2 rises to approximately 5.5V above OUT. Since
the MAX5943B–MAX5943E do not regulate the load
current, a capacitor can be added from GATE2 to GND
to limit inrush current during startup (see the
Applications Information section).
SENSE
SENSE GATE1
6.5V
1.24V
GATE1
GATE2
OUT
MAX5943A–MAX5943E
POWER
SOURCE
(FAST CURRENT-
LIMIT
THRESHOLD)
CIRCUIT-BREAKER
(CURRENT-LIMIT)
THRESHOLD
OR
COMPARATOR
THRESHOLD
GND
LATCH
TIM
X128
FAULT
+
-
+
-
+
-
+
-
+
-
0.4V
SHUTDOWN
MODE
ON COMPARATOR
( ) MAX5943A ONLY.
UVLO COMPARATOR
+
-
FAULT
MANAGEMENT
LATCH OR
AUTORETRY
AUTORETRY
TIMEOUT
PERIOD
FAULT
TIMEOUT
GATE1
DRIVE
CP1
CP2
GATE
CHARGE
PUMPS
OUT
GATE2
GATE2
DRIVE
ONQ1
OR_ADJ
ILIM
ON
RSENSE
Q1
Q2
Figure 1. MAX5943 Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com