Electronic Components Datasheet Search
  English  ▼

X  

PCN10 Datasheet(PDF) 22 Page - Hirose Electric

Part # PCN10
Description  Comply with IEC603-2/DIN41612 standard
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10 Datasheet(HTML) 22 Page - Hirose Electric

Back Button PCN10 Datasheet HTML 18Page - Hirose Electric PCN10 Datasheet HTML 19Page - Hirose Electric PCN10 Datasheet HTML 20Page - Hirose Electric PCN10 Datasheet HTML 21Page - Hirose Electric PCN10 Datasheet HTML 22Page - Hirose Electric PCN10 Datasheet HTML 23Page - Hirose Electric PCN10 Datasheet HTML 24Page - Hirose Electric PCN10 Datasheet HTML 25Page - Hirose Electric PCN10 Datasheet HTML 26Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
A50
Ribbon Cable Connector Compliant with DIN Standard
sCable Insulation displacement Connector
PCN10-64S-2.54R
CL583-0030-0
PCN10-GPB64
CL550-0168-6
sInsulation displacement Tool
qGuide plate for insulation
displacement + pressing block
qHi-Flex connection press
CL No.
550-0082-2
Part Number
Hi-Flex connection press HHP502
Height
440mm
Width
160mm
Depth
350mm
Weight
13kg
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com