Electronic Components Datasheet Search
  English  ▼

X  

PCN10 Datasheet(PDF) 27 Page - Hirose Electric

Part # PCN10
Description  Comply with IEC603-2/DIN41612 standard
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10 Datasheet(HTML) 27 Page - Hirose Electric

Back Button PCN10 Datasheet HTML 23Page - Hirose Electric PCN10 Datasheet HTML 24Page - Hirose Electric PCN10 Datasheet HTML 25Page - Hirose Electric PCN10 Datasheet HTML 26Page - Hirose Electric PCN10 Datasheet HTML 27Page - Hirose Electric PCN10 Datasheet HTML 28Page - Hirose Electric PCN10 Datasheet HTML 29Page - Hirose Electric PCN10 Datasheet HTML 30Page - Hirose Electric PCN10 Datasheet HTML 31Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
A55
PCN10MC-*S-2.54DSA
sReceptacle: 2-row Straight Type
BPCB mounting pattern
Unit:mm
CL No.
Part Number
583-0213-0
583-0214-2
PCN10MC-064S-2.54DSA
PCN10MC-100S-2.54DSA
Number of Contacts
A
64
100
95.0
140.72
B
90.0
135.72
C
85.0
130.72
D
78.74
124.46
Note 2:
(64 contacts): The sequential contacts are located at 27 points
of 1 to 4 and 26 to 32 in both rows a and b.
(100 contacts): The sequential contacts are located at 22 points
of 1 to 4 and 44 to 50 in both rows a and b.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com