Electronic Components Datasheet Search
  English  ▼

X  

PCN10 Datasheet(PDF) 37 Page - Hirose Electric

Part # PCN10
Description  Comply with IEC603-2/DIN41612 standard
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10 Datasheet(HTML) 37 Page - Hirose Electric

Back Button PCN10 Datasheet HTML 29Page - Hirose Electric PCN10 Datasheet HTML 30Page - Hirose Electric PCN10 Datasheet HTML 31Page - Hirose Electric PCN10 Datasheet HTML 32Page - Hirose Electric PCN10 Datasheet HTML 33Page - Hirose Electric PCN10 Datasheet HTML 34Page - Hirose Electric PCN10 Datasheet HTML 35Page - Hirose Electric PCN10 Datasheet HTML 36Page - Hirose Electric PCN10 Datasheet HTML 37Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
A70
BApplication Pattern
sCircuit Protection Function Type
q2-row type
q3-row type
'
: Mounting hole center
C.L. :Center line
sStacking Connector
*G : 35, 30, 25, 45, 40
'
: Mounting hole center
C.L. :Center line
64 contacts :
The sequential contacts
are indicated at 22
points to contact No.1 to
4 and 26 to 32 in both
rows a and b.
100 contacts :
The sequential contact
is indicated at 22 points
to contact No.1 to 4 and
44 to 50 in both rows a
and b.
The sequential contacts are
located at 22 points to a1
and a32.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com