Electronic Components Datasheet Search
  English  ▼

X  

MIC5254 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5254
Description  DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5254 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5254 Datasheet HTML 1Page - Micrel Semiconductor MIC5254 Datasheet HTML 2Page - Micrel Semiconductor MIC5254 Datasheet HTML 3Page - Micrel Semiconductor MIC5254 Datasheet HTML 4Page - Micrel Semiconductor MIC5254 Datasheet HTML 5Page - Micrel Semiconductor MIC5254 Datasheet HTML 6Page - Micrel Semiconductor MIC5254 Datasheet HTML 7Page - Micrel Semiconductor MIC5254 Datasheet HTML 8Page - Micrel Semiconductor MIC5254 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 2003
3
MIC5254
MIC5254
Micrel
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) ................................. 0V to +7V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature (T
J) ....................... –40°C to +125°C
Storage Temperature ............................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260°C
ESD, Note 4 .................................................................. 2kV
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
MSOP-10 (θJA) ..................................................200°C/W
Electrical Characteristics (Note 5)
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 100µA–1
+1
%
–2
+2
%
∆VLNR
Line Regulation
V
IN = VOUT + 1V to 6V
0.02
0.075
%/V
∆VLDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 6
1.5
2.5
%
V
IN – VOUT
Dropout Voltage, Note 7
I
OUT = 100µA
0.1
mV
I
OUT = 100mA
90
150
mV
I
OUT = 150mA
135
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current, Note 8
I
OUT = 0mA
90
150
µA
I
OUT = 150mA
117
µA
PSRR
Power Supply Rejection
f = 10Hz, V
IN = VOUT + 1V; COUT = 1µF60
dB
f = 100Hz, V
IN = VOUT + 0.5V; COUT = 1µF60
dB
f = 10kHz, V
IN = VOUT + 0.5V
45
dB
I
LIM
Current Limit
V
OUT = 0V
160
425
mA
e
n
Output Voltage Noise
30
µV(rms)
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
1.6
V
I
EN
Enable Input Current
V
IL ≤ 0.4V, regulator shutdown
0.01
µA
V
IH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance Discharge
500
Ω
Error Flag
V
FLG
Low Threshold
% of V
OUT (Flag ON)
90
%
High Threshold
% of V
OUT (Flag OFF)
96
%
V
OL
Output Logic-Low Voltage
I
L = 100µA, fault condition
0.02
0.1
V
I
FL
Flag Leakage Current
Flag OFF, V
FLG = 6V
0.01
µA
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max)–TA)/θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the MIC5254-SJBMM is
200°C/W on a PC board (see “Thermal Considerations” section for further details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com