Electronic Components Datasheet Search
  English  ▼

X  

MIC5254 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5254
Description  DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5254 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5254 Datasheet HTML 1Page - Micrel Semiconductor MIC5254 Datasheet HTML 2Page - Micrel Semiconductor MIC5254 Datasheet HTML 3Page - Micrel Semiconductor MIC5254 Datasheet HTML 4Page - Micrel Semiconductor MIC5254 Datasheet HTML 5Page - Micrel Semiconductor MIC5254 Datasheet HTML 6Page - Micrel Semiconductor MIC5254 Datasheet HTML 7Page - Micrel Semiconductor MIC5254 Datasheet HTML 8Page - Micrel Semiconductor MIC5254 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC5254
Micrel
MIC5254
4
September 2003
Note 4.
Devices are ESD sensitive. Handling precautions recommended.
Note 5.
Specification for packaged product only.
Note 6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 7.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum
input operating voltage is 2.7V.
Note 8.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com