Electronic Components Datasheet Search
  English  ▼

X  

SAD571 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SAD571
Description  SAD571
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SAD571 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SAD571 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAD571 
3
电特性 
若无其它规定,V+=5V,V-=-15V,T
A=-55~125℃ 
极限值 
特性 
符号 
条件 
最小 
最大 
单位 
分辨率 
RES 
 
- 
10 
bit 
线性误差 
E
L 
E
G=0,Eo=0 
-1/2 
+1/2 
LSB 
增益误差 
E
G 
Eo=0 
-1 
+1 
LSB 
单电极零点误差 
Eo 
V
I=0.0V 
-1 
+1 
LSB 
双电极零点误差 
Eob 
V
I=0.0V 
-1 
+1 
LSB 
微分线性误差 
E
DL 
E
G=0,Eo=0 
-1/2 
+1/2 
LSB 
单极性零点失调误
差温度系数 
α
EO 
T
A=-55~125℃ 
-1 
+1 
LSB 
双极性零点失调误
差温度系数 
α
EOB 
T
A=-55~125℃ 
-1 
+1 
LSB 
增益误差温度系数 
α
EG 
T
A=-55~125℃ 
-3 
+3 
LSB 
V+正电源电压 
电源灵敏度 
K
svs+ 
4.5V≤V
+≤5.5 
-1 
+1 
LSB 
V-负电源电压 
电源灵敏度 
K
svs- 
-16V≤V
-≤ 
-13.5V 
-1 
+1 
LSB 
双极性模拟输入电
压范围 
V
IA(B)  
引出端15开路 
-5.0 
+5.0 
V 
单极性模拟输入电
压范围 
V
IA(S)  
引出端15开路 
0.0 
+10.0 
V 
模拟输入电阻 
R
I 
 
3.0 
7.0 
kΩ 
单极性输出编码 
 
 
正原码 
 
双极性输出编码 
 
 
正偏移码 
 
低电平输出电流 
I
OL 
Vo=0.4V 
3.0 
- 
mA 
高电平输出电流 
I
OH 
Vo=2.4V 
0.5 
- 
mA 
输出漏电流 
I
OZ 
V
IH=2V 
-40 
+40 
μA 
输入电流 
I
I 
V
I=5V 
-100 
+100 
μA 
输入高电平 
V
IH 
 
2.0 
- 
V 
输入低电平 
V
IL 
 
- 
0.8 
V 
转接时间 
t
C 
 
15 
25 
μs 
V+电源电流 
I
+ 
V
+=5V,V-=-15V 
2 
10 
mA 
V-电源电流 
I
- 
V
+=5V,V-=-15V 
7 
15 
mA 
 
 
 
 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com