Electronic Components Datasheet Search
  English  ▼

X  

SAD571 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAD571
Description  SAD571
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SAD571 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAD571 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAD571 
2
引出端功能符号表
引出端序号  符号 
功能 
引出端序号  符号 
功能 
1 
D9 
数据输出
(MSB) 
10 
V+ 
+5V电源 
2 
D8 
数据输出 
11 
ST  
转换开始 
3 
D7 
数据输出 
12 
V- 
-15V电源 
4 
D6 
数据输出 
13 
V
I 
模拟输入 
5 
D5 
数据输出 
14 
GND
D  
数字地 
6 
D4 
数据输出 
15 
U/B 
极性选择控制 
7 
D3 
数据输出 
16 
GND
A 
模拟地 
8 
D2 
数据输出 
17 
EOC 
转换结束输出 
9 
D1 
数据输出 
18 
DO   数据输出(LSB) 
 
功能框图 
 
 
- +
基准源
模拟输入
地
双极性
偏移控制
时钟控制信号
数据准备输出
10位
DAC
10位
SAR
MSB
9
8
7
6
5
4
3
2
LSB
数
据
输
出
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com