Electronic Components Datasheet Search
  English  ▼

X  

SAD571 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SAD571
Description  SAD571
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SAD571 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SAD571 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAD571 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SAD571 
10位A/D转换器 
简要说明 
    SAD571 是一种完整的逐次逼近型
A/D转换器, 它不需要外加元件, 就能
在 -55℃~125℃温度范围内以小于
25μs的转换时间将输入模拟信号转
换成10位精度的数字输出码。SAD571
产品能与美国AD(模拟器件)公司产品
AD571 10位A/D转换器互换使用。该电
路采用18引线陶瓷双列封装(D18S)。 
 
应用范围 
    该电路主要适用于计算机接口, 
数据采集和处理系统, 过程控制系统, 
遥控遥测, 雷达和导航系统, 光谱仪, 
气象质谱仪, 波形存储器, 瞬态波形
分析仪, 医疗设备(透视、心电图和CT
扫描仪等), 机械手和人工智能系统, 
地震预报和分析系统等方面. 
推荐工作条件 
+5V 电源:4.6~6.5V 
-15V 电源:-12~-16V 
数字输入高电平:2.0~6.0V 
数字输入低电平:-0.1~0.8V 
工作环境温度:-55~125℃ 
特点
l
具有参考电源和时钟的完整逐
次逼近型A/D转换器 
l
快速逐次逼近转换--小于25μs
的转换时间 
l
在 -55℃~125℃温度范围内
无漏码 
l
数字多路转换输出--TTL三态
输出 
 
 
绝对最大额定值 
V+到数字地:0~7.0V 
V-到数字地:0~-16.0V 
模拟地到数字地:±1V 
控制输入端:0~+5V 
数字输出端(高阻态):0~+5V 
模拟输入到模拟地:±15V 
贮存温度:-65~+150℃ 
结温:175℃ 
引线耐焊接温度:300℃ 
 
引出端排列(俯视图) 
 
  
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D
V+
GND
EOC
V
ST
U/B
V-
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
I
A
GND


Similar Part No. - SAD571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAD-1024 ETC2-SAD-1024 Datasheet
3Mb / 4P
DUAL ANALOG DELAY LINE
SAD-4096 ETC-SAD-4096 Datasheet
180Kb / 7P
ANALOG DELAY LINE
logo
SOVICO corp.
SAD-900 SOVICO-SAD-900 Datasheet
172Kb / 1P
Antenna Divider System
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
DC - DC CONVERTER 2W
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
DC - DC CONVERTER 2W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com