Electronic Components Datasheet Search
  English  ▼

X  

ABU2513 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ABU2513
Description  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2513 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ABU2513 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2513
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Typical
Unit
Frequency
5
50
300
MHz
Noise Figure
3.9
2.7
2.7
dB
Gain
14.7
14.9
14.8
dB
S11
-20
-19
-20
dB
S22
-18
-20
-19
dB
Output IP3
401)
432)
432)
dBm
Output IP23)
61
69
68
dBm
Output P1dB
24
25
25
dBm
CSO
664)
dBc
CTB
604)
dBc
Current
280
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
3) OIP2 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
4) CSO & CTB measured at Pout = 101 dB
V flat for NTSC 77 channels.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
50
MHz
Noise Figure
2.7
dB
Gain
13.9
14.9
15.9
dB
S11
-19
dB
S22
-20
dB
Output IP31)
43
dBm
Output IP22)
69
dBm
Output P1dB
25
dBm
Current
240
280
320
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.
2) OIP2 is measured with two tones at an output power of +10 dBm/tone separated by 6 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com