Electronic Components Datasheet Search
  English  ▼

X  

ABU2513 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ABU2513
Description  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2513 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ABU2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2513
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-S8-H8
5. Application: 50 ~ 1400 MHz (Vdevice = +5 V)
5.1
Application Circuit & Evaluation Board
C3
C7
C4
C8
L5
L6
T1_MABA_007159
T2_MABA_007159
C12
L1
L2
C1
C2
C13
C14
L4
L3
C11
C9
C10
C6
R2
C5
R1
ABU2513
RF IN
Vdevice = +5 V
Vdevice = +5 V
RF OUT
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ABU2513
-
-
MMIC Amplifier
ASB
C1, C2, C3, C4
1 nF
0603
DC blocking capacitor
Murata
C5, C6
10 nF
0603
Feedback capacitor
Murata
C7, C8
10
F
0805
Decoupling capacitor
Murata
C9, 10
1.2 pF
0603
Matching capacitor
Murata
C11
1.2 pF
0603
Matching capacitor
Murata
C12
1 pF
0603
Matching capacitor
Murata
C13, C14
0.75 pF
0603
Matching capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
L3, L4
2.7 nH
0603
Matching inductor
Murata
L5, L6
3.3 nH
0603
Matching inductor
Murata
R1, R2
270

0603
Feedback resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com