Electronic Components Datasheet Search
  English  ▼

X  

ABU2513 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ABU2513
Description  5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABU2513 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ABU2513 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ABU2513 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12/12
ASB Inc.
 sales@asb.co.kr
September 2017
ABU2513
8. Recommended Soldering Reflow Profile
(End of Datasheet)
Copyright
2017 ASB Inc. All rights reserved. Specifications subject to change without notice. ASB
assumes no responsibility for any errors which may appear in this datasheet. No part of the datasheet
may be copied or reproduced in any form or by any means without the prior written consent of ASB.
20~40 sec
260
C
200
C
150
C
60~180 sec
Ramp-up
(3
C/sec)
Ramp-down
(6
C/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com