Electronic Components Datasheet Search
  English  ▼

X  

HCPL-9000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-9000
Description  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-9000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-9000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Agilent HCPL-9000/-0900, -9030/-0930,
HCPL-9031/-0931, -900J/-090J,
HCPL-901J/-091J, -902J/-092J
High Speed Digital Isolators
Data Sheet
Description
The HCPL-90xx and HCPL-09xx
CMOS digital isolators feature
high speed performance and
excellent transient immunity
specifications. The symmetric
magnetic coupling barrier gives
these devices a typical pulse
width distortion of 2 ns, a typical
propagation delay skew of 4 ns
and 100 Mbaud data rate, making
them the industry’s fastest
digital isolators.
The single channel digital isola-
tors (HCPL-9000/-0900) features
an active-low logic output enable.
The dual channel digital isolators
are configured as unidirectional
(HCPL-9030/-0930) and bi-
directional (HCPL-9031/-0931),
operating in full duplex mode
making it ideal for digital
fieldbus applications.
The quad channel digital isola-
tors are configured as unidirec-
Features
• +3.3V and +5V TTL/CMOS
compatible
• 3 ns max. pulse width distortion
• 6 ns max. propagation delay skew
• 15 ns max. propagation delay
• High speed: 100 MBd
• 15 kV/
µs min. common mode
rejection
• Tri-state output
(HCPL-9000/-0900)
• 2500 V RMS isolation
• UL1577 and IEC 61010-1 approved
Applications
• Digital fieldbus isolation
• Multiplexed data transmission
• Computer peripheral interface
• High speed digital systems
• Isolated data interfaces
• Logic level shifting
tional (HCPL-900J/-090J), two
channels in one direction and
two channels in opposite direc-
tion (HCPL-901J/-091J), and one
channel in one direction and
three channels in opposite
direction (HCPL-902J/-092J).
These high channel density make
them ideally suited to isolating
data conversion devices, parallel
buses and peripheral interfaces.
They are available in 8-pin PDIP,
8-pin Gull Wing, 8-pin SOIC
packages, and 16–pin SOIC
narrow-body and wide-body
packages. They are specified over
the temperature range of -40
°C
to +100
°C.
CAUTION: It is advised that
normal static precautions be
taken in handling and assembly
of this component to prevent
damage and/or degradation,
which may be induced by ESD.


Similar Part No. - HCPL-9000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9000 AVAGO-HCPL-9000 Datasheet
357Kb / 14P
High Speed Digital Isolators 15 ns max. propagation delay
HCPL-9000 AVAGO-HCPL-9000 Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-9000-000E AVAGO-HCPL-9000-000E Datasheet
319Kb / 14P
High Speed Digital Isolators
HCPL-9000-300 AVAGO-HCPL-9000-300 Datasheet
319Kb / 14P
High Speed Digital Isolators
HCPL-9000-300E AVAGO-HCPL-9000-300E Datasheet
319Kb / 14P
High Speed Digital Isolators
More results

Similar Description - HCPL-9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
High Speed Digital Isolators
logo
Texas Instruments
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com