Electronic Components Datasheet Search
  English  ▼

X  

HCPL-9000 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-9000
Description  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-9000 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-9000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6271 2451
India, Australia, New Zealand: (+65) 6271 2394
Japan: (+81 3) 3335-8152(Domestic/International), or
0120-61-1280(Domestic Only)
Korea: (+65) 6271 2194
Malaysia, Singapore: (+65) 6271 2054
Taiwan: (+65) 6271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
October 31, 2002
5988-5626EN
Propagation delay skew repre-
sents the uncertainty of where
an edge might be after being sent
through a digital isolator. Figure
5 shows that there will be uncer-
tainty in both the data and clock
lines. It is important that these
two areas of uncertainty not
overlap, otherwise the clock
signal might arrive before all of
the data outputs have settled, or
some of the data outputs may
start to change before the clock
signal has arrived. From these
considerations, the absolute
minimum pulse width that can be
sent through digital isolators in a
parallel application is twice t
PSK.
A cautious design should use a
slightly longer pulse width to
Figure 6. Timing Diagrams to Illustrate the Minimum Pulse Width, Rise and Fall Time, and Propagation Delay Enable to
Output Waveforms for HCPL-9000 or HCPL-0900.
ensure that any additional
uncertainty in the rest of the
circuit does not cause a problem.
Figure 6 shows the minimum
pulse width, rise and fall time,
and propagation delay enable to
output waveforms for HCPL-9000
or HCPL-0900.
50%
50%
90%
10%
10%
90%
VIN
VOUT
VOE
tPW
tPLZ
tPZH
tPHZ
tPZL
tF
tR
tPW
Minimum Pulse Width
tPHZ
Propagation Delay, High to High Impedance
tPLZ
Propagation Delay, Low to High Impedance
tPZL
Propagation Delay, High Impedance to Low
tPZH
Propagation Delay, High Impedance to High
tR
Rise Time
tF
Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com