Electronic Components Datasheet Search
  English  ▼

X  

2N7002D Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # 2N7002D
Description  60V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

2N7002D Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  2N7002D Datasheet HTML 1Page - Chip Integration Technology Corporation 2N7002D Datasheet HTML 2Page - Chip Integration Technology Corporation 2N7002D Datasheet HTML 3Page - Chip Integration Technology Corporation 2N7002D Datasheet HTML 4Page - Chip Integration Technology Corporation 2N7002D Datasheet HTML 5Page - Chip Integration Technology Corporation 2N7002D Datasheet HTML 6Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SOT-23 Package Outline
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.1102 0.1197
2.80
3.04
B
0.0472 0.0551
1.20
1.40
C
0.0350 0.0440
0.89
1.11
D
0.0150 0.0200
0.37
0.5
G
0.0701 0.0807
1.78
2.04
H
0.0005 0.0040
0.013
0.100
J
0.0034 0.0070
0.085
0.177
K
0.007
-
0.018
-
L
0.0350 0.0401
0.89
1.02
S
0.0830 0.1039
2.10
2.64
V
0.0177 0.0236
0.45
0.60
SOLDERING FOOTPRINT*
2N7002D
Document ID : DS-22M85
Revised Date : 2017/08/14
Revision : C
Chip Integration Technology Corporation
60V N-Channel MOSFET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com