Electronic Components Datasheet Search
  English  ▼

X  

HCPL-902J Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-902J
Description  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-902J Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-902J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Package Outline Drawings
HCPL-9000, HCPL-9030 and HCPL-9031 Standard DIP Packages
HCPL-9000, HCPL-9030 and HCPL-9031 Gull Wing Surface Mount Option 300
0.030 (0.762)
0.045 (1.143)
0.370 (9.400)
0.390 (9.900)
0.240 (6.100)
0.260 (6.600)
87
6
5
4
3
2
1
0.045 (1.143)
0.065 (1.651)
0.120 (3.048)
0.150 (3.810)
0.047 (1.194)
0.070 (1.778)
0.040 (1.016)
0.047 (1.194)
0.370 (9.398)
0.390 (9.906)
0.190
(4.826)
0.015 (0.381)
0.025 (0.635)
0.025 (0.632)
0.035 (0.892)
0.030 (0.760)
0.056 (1.400)
0.015 (0.385)
0.035 (0.885)
0.290 (7.370)
0.310 (7.870)
0.370 (9.400)
0.390 (9.900)
PAD LOCATION (for reference only)
TYP.
12
° NOM.
0.008 (0.203)
0.013 (0.330)
0.100
(2.540)
BSC
DIMENSIONS INCHES (MILLIMETERS)
LEAD COPLANARITY = 0.004 INCHES (0.10 mm)
MIN
MAX
5
6
7
8
4
3
2
1
DIMENSIONS: INCHES (MILLIMETERS)
MIN
MAX
0.120 (3.048)
0.150 (3.810)
0.240 (6.096)
0.260 (6.604)
0.015 (0.381)
0.035 (0.889)
0.55 (1.397)
0.65 (1.651)
0.008 (0.203)
0.015 (0.381)
3
°
8
°
0.030 (0.762)
0.045 (1.143)
0.015 (0.380)
0.023 (0.584)
0.045 (1.143)
0.065 (1.651)
0.090 (2.286)
0.110 (2.794)
0.370 (9.398)
0.400 (10.160)
0.290 (7.366)
0.310 (7.874)
0.300 (7.620)
0.370 (9.398)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com