Electronic Components Datasheet Search
  English  ▼

X  

HCPL-902J Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-902J
Description  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-902J Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-902J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Insulation and Safety Related Specifications
Parameters
Condition
Min.
Typ.
Max.
Units
Barrier Impedance
Ω||pF
Single Channel
>1014||3
Dual Channel
>1014||3
Quad Channel
>10
14||7
Creepage Distance (External)
mm
8-Pin PDIP
7.036
8-Pin SOIC
4.026
16-Pin SOIC Narrow Body
4.026
16-Pin SOIC Wide Body
8.077
Leakage Current
240 V
RMS
0.2
µA
60 Hz
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
T
S
–55
175
°C
Ambient Operating Temperature[1]
T
A
–55
125
°C
Supply Voltage
V
DD1, VDD2
–0.5
7
V
Input Voltage
V
IN
–0.5
V
DD1 +0.5
V
Voltage Output Enable (HCPL-9000/-0900)
V
OE
–0.5
V
DD2 +0.5
V
Output Voltage
V
OUT
–0.5
V
DD2 +0.5
V
Output Current Drive
I
OUT
10
mA
Lead Solder Temperature (10s)
260
°C
ESD
2 kV Human Body Model
Notes:
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee performance.
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
T
A
–40
100
°C
Supply Voltage
V
DD1, VDD2
3.0
5.5
V
Logic High Input Voltage
V
IH
2.4
V
DD1
V
Logic Low Input Voltage
V
IL
0
0.8
V
Input Signal Rise and Fall Times
t
IR, tIF
1
µs
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Agilent recommends that all integrated circuits
be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to
complete failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com