Electronic Components Datasheet Search
  English  ▼

X  

HCPL-902J Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-902J
Description  High Speed Digital Isolators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-902J Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-902J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-902J Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA=+25°C, VDD1 = VDD2 = +3.3V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Quiescent Supply Current 1
IDD1
mA
VIN = 0V
HCPL-9000/-0900
0.008
0.01
HCPL-9030/-0930
0.008
0.01
HCPL-9031/-0931
1.5
2.0
HCPL-900J/-090J
0.016
0.02
HCPL-901J/-091J
3.3
4.0
HCPL-902J/-092J
1.5
2.0
Quiescent Supply Current 2
I
DD2
mA
V
IN = 0V
HCPL-9000/-0900
3.3
4.0
HCPL-9030/-0930
3.3
4.0
HCPL-9031/-0931
1.5
2.0
HCPL-900J/-090J
5.5
8.0
HCPL-901J/-091J
3.3
4.0
HCPL-902J/-092J
3.0
6.0
Logic Input Current
IIN
-10
10
µA
Logic High Output Voltage
V
OH
V
DD2 – 0.1
V
DD2
VI
OUT = -20 µA, VIN =VIH
0.8*VDD2
VDD2 – 0.5
V
IOUT = -4 mA, VIN=VIH
Logic Low Output Voltage
VOL
0
0.1
V
IOUT = 20 µA, VIN=VIL
0.5
0.8
V
IOUT = 4 mA, VIN=VIL
Switching Specifications
Maximum Data Rate
100
110
MBd
C
L = 15 pF
Clock Frequency
fmax
50
MHz
Propagation Delay Time to Logic
tPHL
12
18
ns
Low Output
Propagation Delay Time toLogic
tPLH
12
18
ns
High Output
Pulse Width
tPW
10
ns
Pulse Width Distortion[1]
|PWD|
2
3
ns
|tPHL – tPLH|
Propagation Delay Skew[2]
tPSK
46
ns
Output Rise Time (10 – 90%)
tR
24
ns
Output Fall Time (10 – 90%)
t
F
24
ns
Propagation Delay Enable to Output (Single Channel)
High to High Impedance
tPHZ
35
ns
Low to High Impedance
t
PLZ
35
ns
High Impedance to High
tPZH
35
ns
High Impedance to Low
tPZL
35
ns
Channel-to-Channel Skew
tCSK
23
ns
(Dual and Quad Channels)
Common Mode Transient Immunity
|CMH|
15
18
kV/
µsV
cm = 1000V
(Output Logic High or Logic Low) [3]
|CML|
Notes:
1. PWD is defined as |t
PHL -tPLH|. %PWD is equal to the PWD divided by the pulse width.
2. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
3. CMH is the maximum common mode voltage slew rate that can be sustained while maintaining VOUT > 0.8VDD2. CML is the maximum common mode
input voltage that can be sustained while maintaining V
OUT < 0.8 V. The common mode voltage slew rates apply to both rising and falling common mode
voltage edges.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Agilent recommends that all integrated circuits
be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to
complete failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com