Electronic Components Datasheet Search
  English  ▼

X  

SGP34119 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SGP34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGP34119 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SGP34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Elektronische Bauelemente
SGP34119
Low Power Audio Amplifier
17-Dec-2009 Rev. A
Page 3 of 9
ELECTRICAL CHARACTERISTICS ( TA=25 °C, unless otherwise specified)
CHARACTERISTICS
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
AMPLIFIERS (AC CHARACTERISTICS)
AC Input Resistance
ri
-
>30
-
M
@ VIN
Open Loop Gain
AVOL1
80
-
-
dB
Amplifier#1, f<100Hz
Close Loop Gain
AV2
-0.35
0
0.35
dB
Amplifier#2, VCC=6V, f=1kHz, RL=32
Gain Bandwidth Product
GBW
-
1.5
-
MHz
POut3
55
-
-
VCC=3V, RL=16 , THD≦10%
POut6
250
-
-
VCC=6V, RL=32 , THD≦10%
Output Power
POut12
400
-
-
mW
VCC=12V, RL=100 , THD≦10%
-
0.5
1.0
VCC=6V, RL=32 , POut=125mW
-
0.5
-
VCC≧3V, RL=8 , POut=20mW
Total Harmonic Distortion (f=1kHz)
THD
-
0.6
-
%
VCC≧12V, RL=32 , POut=200mW
50
-
-
C1=
∞, C2=0.01µF
-
12
-
C1=0.1
µF, C2=0, f=1kHz
Power Supply Rejection Ration
(VCC=6V, △VCC=3V)
PSRR
-
52
-
dB
C1=1.0
µF, C2=5.0µF, f=1kHz
Differential Muting
GMT
-
>70
-
dB
VCC=6V, 1kHz≦f≦20kHz, CD=2V
AMPLIFIERS (DC CHARACTERISTICS)
VO(3)
1.0
1.15
1.25
VO1,VO2,VCC=3V,RL=16 ,(R F=75K )
VO(6)
-
2.65
-
VCC=6V
Output DC Level
VO(12)
-
5.65
-
Vdc
VCC=12V
VOH
-
VCC -1
High IOUT=-75mA, 2V≦VCC≦16V
Output Level
VOL
-
0.16
Vdc
Low IOUT=75mA, 2V≦VCC≦16V
Output DC Offset Voltage
(VO1- VO2)
△VO
-30
0
30
mV
VCC=6V, R F=75K , RL=32
Input Bias Current
IIB
-
-100
-200
nA
VIN (VCC=6V)
RFC1
100
150
220
FC1(VCC=6V)
Equivalent Resistance
RFC2
18
25
40
K
FC2(VCC=6V)
CHIP DISABLE (Pin1)
VIL
-
-
0.8
Low
Input Voltage
VIH
2.0
-
-
Vdc
High
Input Resistance
RCD
50
90
175
K
VCC= VCD=16V
POWER SUPPLY
ICC3
-
2.7
4.0
mA
VCC=3V, RL=
∞, CD=0.8V
ICC16
-
3.3
5.0
mA
VCC=16V, RL=
∞, CD=0.8V
Power Supply Current
ICCD
-
65
100
µA
VCC=3V, RL=
∞, CD=2.0V
Note: Currents into a pin are positive, currents out of a pin are negative.
TYPICAL TEMPERATURE PERFORMANCE (-20°C <T A<70°C)
FUNCTION
TYPICAL CHANGE
UNIT
Input Bias Current (@ VIN)
±40
pA/°C
Total Harmonic Distortion (VCC=6V, RL=32 , P OUT=125mW, f=1kHz)
0.003
%/°C
VCC=3V, RL=
∞, CD=0V
-0.25
Power Supply Current
VCC=3V, RL=
∞, CD=2V
-0.03
µA/°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com