Electronic Components Datasheet Search
  English  ▼

X  

SGP34119 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SGP34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGP34119 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SGP34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Elektronische Bauelemente
SGP34119
Low Power Audio Amplifier
17-Dec-2009 Rev. A
Page 4 of 9
DESIGN GUIDELINES
GENERAL
The SGPC34119 is a low power audio amplifier capable of low voltage operation (VCC = 2.0 V minimum) such as that
encountered in line-powered speakerphones. The circuit provides a differential output (VO1-VO2) to the speaker to
maximize the available voltage swing at low voltages. The differential gain is set by two external resistors. Pins FC1 and
FC2 allow controlling the amount of power supply and noise rejection, as well as providing alternate inputs to the
amplifiers. The CD pin permits powering down the IC for muting purposes and to conserve power.
AMPLIFIERS
Referring to the block diagram, the internal configuration consists of two identical operational amplifiers. Amplifier # 1
has an open loop gain of≧80 dB (at f 100 Hz), and the closed loop gain is set by external resistor Rf and Ri. The
amplifier is unity gain stable, and has a unity gain frequency of approximately 1.5 MHz. In order to adequately cover the
telephone voice band (300 Hz to 3400 Hz), a maximum closed loop gain of 46 is recommended. Amplifier #2 is
internally set to a gain of-1.0(0dB).
The outputs of both amplifiers are capable of sourcing and sinking a peak current of 200 mA. The outputs can
typically swing to within
≅ 0.4 V above ground, and to with≅1.3 V below V
CC, at the maximum current. See Figures 17
and 18 for VOH and VOL curves.
The output dc offset voltage (VO1-VO2) is primarily a function of the feedback resistor (Rf), and secondarily due to the
amplifiers' input offset voltages. The input offset voltage of the two amplifiers swill generally be similar for a particular IC,
and therefore nearly cancel each other at the outputs. Amplifier #1's bias current, however, flows out of VIN (Pin 4) and
through Rf, forcing V01 to shift negative by an amount equal to [Rf x IIB]. VO2 is shifted positive an equal amount. The
output offset voltage, specified in the Electrical Characteristics, is measured with the feedback resistor shown in the
Typical Application Circuit, and therefore takes into account the bias current as well as internal offset voltages of the
amplifiers. The bias current is constant with respect to VCC.
FC1 and FC2
Power supply rejection is provided by the capacitors (C1 and C2 in the Typical Application Circuit) at FC1 and FC2.
C2 is somewhat dominant at low frequencies, while C1 is dominant at high frequencies, as shown in the graphs of
Figures 4 to 7. The required values of C1 and C2 depend on the conditions of each application. A line powered
speakerphone, for example, will require more filtering than a circuit powered by a well regulated power supply. The
amount of rejection is a function of the capacitors, and the equivalent impedance looking into FC1 and FC2 (listed in the
Electrical Characteristics as RFC1 and RFC2).
In addition to providing filtering, C1 and C2 also affect the turn-on time of the circuit at power-up, since the two
capacitors must charge up through the internal 50 k
and 125 k
resistors. The graph of Figure 1 indicates the turn-on
time upon application of VCC of + 6.0 V. The turn-on time is
≅60% longer for V
CC = 3.0 V, and
≅20% less for V
CC = 9.0V.
Turn-off time is < 10
µs upon removal of V
CC.
CHIP DISABLE
The Chip Disable (Pin 1) can be used to power down the IC to conserve power, or for muting, or both. When at a
Logic "0" (0 V to 0.8 V), the SGP34119 is enabled for normal operation. When Pin 1 is at a Logic "1" (2.0 V to VCC V), the
IC is disabled. If Pin 1 is open, that is equivalent to a Logic "0", although good design practice dictates that an input
should never be left open. Input impedance at Pin 1 is a nominal 90 k . The power supply current (when disabled) is
shown in Figure 19.
Muting, defined as the change in differential gain from normal operation to muted operation, is in excess of 70 dB.
The turn-off time of the audio output, from the application of the CD signal, is <2.0
µs, and turn on-time is 12 ms-15 ms.
Both times are independent of C1,C2, and VCC.
When the SGP34119 is disabled, the voltages at FC1 and FC2 do not change as they are powered from VCC. The
outputs, VO1 and VO2, change to a high impedance condition, removing the signal from the speaker. If signals from other
sources are to be applied to the outputs (while disabled), they must be within the range of VCC and Ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com