Electronic Components Datasheet Search
  English  ▼

X  

SGP34119 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SGP34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGP34119 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SGP34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SGP34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Elektronische Bauelemente
SGP34119
Low Power Audio Amplifier
17-Dec-2009 Rev. A
Page 5 of 9
POWER DISSIPATION
Figures 8 to 10 indicate the device dissipation (within the IC) for various combinations of VCC, RL, and load power. The
maximum power which can safely be dissipated within the SGP34119 is found from the following equation: PD = (140°C
-TA)/
θ
JA where TA is the ambient temperature; and
θ
JA is the package thermal resistance (100°C /W for th e standard DIP
package.)
The power dissipated within the SGP34119, in a given application, is found from the following equation:
PD = (VCC x ICC) + (IRMS x VCC) – (RL x IRMS
2) where I
CC is obtained from Figure 19; and IRMS is the RMS current at the
load; and RL is the load resistance.
Figures 8 to 10, along with Figures 11 to 13 (distortion curves), and a peak working load current of 200 mA, define the
operating range for the SGP34119. The operating range is further defined in terms of allowable load power in Figure 14
for loads of 8.0 , 16
and 32 . The left (ascending) portion of each of the three curves is defined by the power level at
which 10% distortion occurs. The center flat portion of each curve is defined by the maximum output current capability of
the SGP34119. The right (descending) portion of each curve is defined by the maximum internal power dissipation of
the IC at 25°C. At higher ambient temperatures, the maximum load power must be reduced according to the above
equations. Operating the device beyond the current and junction temperature limits will degrade long term reliability.
LAYOUT CONSIDERATIONS
Normally a snubber is not needed at the output of the SGP34119, unlike many other audio amplifiers. However, the
PC board layout, stray capacitances, and the manner in which the speaker wires are configured, may dictate otherwise.
Generally, the speaker wires should be twisted tightly, and not more than a few inches in length.
CHARACTERISTICS CURVE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com