Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev C1, Page 5/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 8..30 V, Tj = -40..120°C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
Vc()lo
Clamp Voltage lo at IN, OE,
VOUT
I() = -1 mA
-1.4
V
002
VB
Permissible Supply Voltage
Referenced to GND
8
24
30
V
003
I(VB)
Supply Current in VB
no load,
IN = lo, OE = lo
0.9
mA
IN = lo, OE = hi
1.2
mA
IN = hi, OE = hi
1.5
mA
004
V(VB)on
Turn-on threshold
increasing VB
6
8
V
005
Ilk(GND)rp Reverse Polarity Leakage
Current
V(VB) = 0; V(OUT) = 0; V(GND)= 0...30 V
300
uA
006
Ilk(OUT)rp Reverse Polarity Leakage Cur-
rent
V(VB)=0;V(GND)=0; V(OUT)= 0...30 V
300
uA
007
Ilk(VB)rp
Reverse Polarity Leakage Cur-
rent
V(OUT) =0 ; GND open; ; V(VB)= 0...30 V
300
uA
Output characteristics
101
Vs(IOUT)lo Saturation voltage Low-Side
driver
IN = lo, OE = hi
I(OUT) = 10 mA
0.2
V
I(OUT) = 100 mA
1.5
V
I(OUT) = 150 mA
2
V
102
Vs(IOUT)hi Saturation voltage High-Side
driver
IN = hi, OE = hi
I(OUT) = -10 mA
-0.3
V
I(OUT) = -100 mA
-1.5
V
I(OUT) = -150 mA
-2
V
103
Isc()lo
Short-Circuit Current lo in OUT
V(OUT) = 3 V...VB
150
450
mA
104
Isc()hi
Short-Circuit Current Hi in OUT
V() = 0...VB − 3 V
-450
-150
mA
105
llk()
Leakage Current at OUT
OUTPUT Disabled
V(OUT) = -6...0 V
-100
0
µA
V(OUT) = 0 V...VB
-40
40
µA
V(OUT) > VB...30 V
0
100
µA
106
SR()
Slew Rate (switch off → on,
switch on → off )
VB = 30 V, Cl = 2.2 nF, I(OUT) = 0
40
V/µs
107
Vfw(OUT)lo Freewheeling Voltage
I(OUT) = -1 mA, with reference to VB
-50
-36
V
108
Vfw(OUT)hi Freewheeling Voltage
I(OUT) = 1 mA, with reference to GND
36
50
V
Temperature monitor
201
Toff
Overtemperature shutdown
increasing Tj
151
198
°C
202
Ton
Overtemperature Release
decreasing Tj
150
197
ºC
203
Thys
Thermal Shutdown Hysteresis
5
ºC
Inputs OE, IN
301
Vt()hi
Input Threshold Voltage hi at IN,
OE
2
V
302
Vt()lo
Input Threshold Voltage lo at IN,
OE
0.8
V
303
Vt()hys
Hysteresis at IN, OE
Vt()hys = Vt()hi − Vt()lo
200
mV
304
Ipd()
Pull-Down Current at IN, OE
V() > 0.4 V
2
150
µA
305
tpio
Propagation Delay
IN, OE → OUT
2.1
6.5
µs
306
tsup()
Permissible Spurious Pulse
Width at IN, OE
1.6
µs
307
ttrig()
Required Pulse Width at IN, OE
4
µs
Series regulator output VOUT
401
V(VOUT)
Regulated output voltage
VB = 9..30 V, I(VOUT) = 10 .. 0 mA
4.7
5.3
V
VB = 8..9 V, I(VOUT) = 10 .. 0 mA
4.5
5.3
V
402
C(VOUT)
Capacitor at VOUT
I(VOUT) = 0
0
10
µF
I(VOUT) > 0
0.1
10
µF
403
Isc(VOUT) Short circuit current at VOUT
VOUT connected to GND
-125
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com