Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev C1, Page 6/9
DESCRIPTION OF FUNCTIONS
iC-DX is a current limited switching channel which
enables digital sensors to drive peripheral elements.
They are designed to cope with high driver currents.
The switches are reverse-polarity protected, feature a
free-wheeling circuit for inductive loads, and a current
limited output.
Reverse polarity protection
The pins VB, OUT an GND on the line side of the chip
are reverse polarity protected. As far as the maximum
voltage ratings are not exceeded, no possible supply
combination at the line side pins can damage the chip.
Isc()lo
36V
A
B
V(OUT)
I(OUT)
3V
GND
C
VB
Figure 1: OUT characteristic when Low side active
B
C
VB-36V
36V
A
VB
GND
I(OUT)
Isc()hi
V(OUT)
Figure 2: OUT characteristic when high side active
Output characteristics of OUT
The switching channel is current limited to a value be-
tween 150mA and 450mA. (cf. Electrical Characteris-
tics Nos. 103, 104). The current limitation works only
for voltages higher than 3 V at OUT resp. lower than
VBO − 3 V. For smaller output voltages the current lim-
itation is reduced in order to minimise the saturation
voltages without increasing the power dissipation. Fig-
ures 1 and 2 show the characteristic of the switching
channels when activated. Region "A" is the saturation
range, where the current limitation is not fully active yet
and region "B" is the current limited range. Region "C"
corresponds to the free-wheeling circuit activated. The
switching channel is designed so that the low side can
only sink current and high side can only source current
(no reverse current).
Free-wheeling circuit for inductive loads
The free-wheeling circuit is always present and does
not depend on the current output status. It is acti-
vated by voltages higher than 36 V at OUT referenced
to GND or lower than -36 V at OUT referenced to VB.
In that case the correspondent channel will switch on
without current limitation (see Figure 3).
VB
VB-36V
36V
I(OUT)
36V
V(OUT)
GND
GND+36V
Figure 3: Free-wheeling characteristic
OPERATION MODES
The iC-DX can be operated in High-Side (PNP-
Switch), Low-Side (NPN-Switch) and Push-Pull switch
mode. Figure 4 shows the high-side operation where
IN pin must be kept high and the OE pin controls the
switch. Figure 5 shows the low-side operation where
IN pin must be kept low and the OE pin controls the
switch. Figure 6 shows the push-pull operation where
OE pin must be kept high and the IN pin controls the
switch.
R Load
&
&
<150
CVB
1μF
C
High Side Switch
DIGITAL INPUT
VREF
REG
36V
36V
Low Side Switch
100nF..
iC-DX
CVOUT
+
-
5V
OUT
GND
VB
VOUT
IN
OE
..30V
VB
CHEN
GND
GND
OUT
Figure 4: Configuration as High-Side (PNP-Switch)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com