Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev C1, Page 1/9
FEATURES
o Configurable high-side, low-side and push-pull operation
o Current limited output (< 450 mA)
o Active reverse polarity protection
o 150 mA output current
o 5 µs input filter for spike supression
o Wide supply voltage range from 8 to 30 V
o Driver shut-down with over temperature
o Integrated free-wheeling diode for inductive loads
o Sensor supply voltage output of 5 V, 10 mA
APPLICATIONS
o Digital sensors
o Light barriers
o Proximity switches
PACKAGES
DFN6 2x2mm
BLOCK DIAGRAM
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
NEP
EN
1μF
CVOUT
100nF..
iC-DX
36V
Low Side Switch
+
-
OUT
5V
IN
GND
VB
GND
VOUT
OE
..30V
VB
Copyright © 2014 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-DX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX Datasheet
423Kb / 2P
Digital Sensor Output Drivers
IC-DX ICHAUS-IC-DX Datasheet
456Kb / 10P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX Datasheet
519Kb / 12P
DIGITAL SENSOR I/O DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results

Similar Description - IC-DX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
Digital Output Magnetic Sensor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
Digital-Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
Digital Output Magnetic Sensor
logo
IC-Haus GmbH
IC-DX ICHAUS-IC-DX Datasheet
417Kb / 9P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX ICHAUS-IC-DX_11 Datasheet
456Kb / 10P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
IC-DX3 ICHAUS-IC-DX3 Datasheet
417Kb / 11P
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com