Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-DX
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH IC-DX Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
iC-DXC
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 6/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 8...30 V, Tj = -40...150 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Feedback Channel
501 Vt1(OUT)hi Input Threshold 1 hi at OUT
VB < 18 V
59
66
74
%VBR
502 Vt1(OUT)lo Input Threshold 1 lo at OUT
VB < 18 V
44
50
56
%VBR
503 Vt2(OUT)hi Input Threshold 2 hi at OUT
VB > 18 V
10
11.3
12.5
V
504 Vt2(OUT)lo Input Threshold 2 lo at OUT
VB > 18 V
8.3
9
10.5
V
505 Vt()hys
Hysteresis
Vt(OUT)hys = Vt(OUT)hi − Vt(OUT)lo
1
V
506 tpcf
Propagation Delay
OUT → CFO
V(CFO) = 10 ↔ 90%
1
5
µs
507 Vs()lo
Saturation Voltage lo at
CFO/MON
I(CFO/MON) = 1.0 mA
0.4
V
508 Isc()lo
Short Circuit Current lo in
CFO/MON
V(CFO/MON) = 0.4 V...VOUT
1
65
mA
509 Ilk()
Leakage Current at CFO
Open collector mode, V(CFO) = 0 V...VOUT,
CFO = off
-10
10
µA
510 tdre
Propagation Delay
OUT → MON
Short-circuit
5.5
14
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com