Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-DX
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH IC-DX Datasheet HTML 10Page - IC-Haus GmbH IC-DX Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
iC-DXC
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 7/12
DESCRIPTION OF FUNCTIONS
iC-DXC is a current limited switching channel which
enables digital sensors to drive peripheral elements.
They are designed to cope with high driver currents.
The switches are reverse-polarity protected, feature a
free-wheeling circuit for inductive loads, and a current
limited output.
Reverse polarity protection
The pins VB, OUT an GND on the line side of the chip
are reverse polarity protected. As far as the maximum
voltage ratings are not exceeded, no possible supply
combination at the line side pins can damage the chip.
Isc()lo
36V
A
B
V(OUT)
I(OUT)
3V
GND
C
VB
Figure 1: OUT characteristic when Low side active
B
C
VB-36V
36V
A
VB
GND
I(OUT)
Isc()hi
V(OUT)
Figure 2: OUT characteristic when high side active
Output characteristics of OUT
The switching channel is current limited to a value be-
tween 150mA and 450mA. (cf. Electrical Characteristics
Nos. 103, 104). The current limitation works only for
voltages higher than 3 V at OUT resp. lower than VBO
−
3 V. For smaller output voltages the current limitation
is reduced in order to minimize the saturation voltages
without increasing the power dissipation. Figures 1
and 2 show the characteristic of the switching channels
when activated. Region "A" is the saturation range,
where the current limitation is not fully active yet and
region "B" is the current limited range. Region "C" cor-
responds to the free-wheeling circuit activated. The
switching channel is designed so that the low side can
only sink current and high side can only source current
(no reverse current).
Free-wheeling circuit for inductive loads
The free-wheeling circuit is always present and does
not depend on the current output status. It is activated
by voltages higher than 36 V at OUT referenced to GND
or lower than -36 V at OUT referenced to VB. In that
case the correspondent channel will switch on without
current limitation (see Figure 3).
VB
VB-36V
36V
I(OUT)
36V
V(OUT)
GND
GND+36V
Figure 3: Free-wheeling characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com