Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-DX
Description  DIGITAL SENSOR I/O DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH IC-DX Datasheet HTML 10Page - IC-Haus GmbH IC-DX Datasheet HTML 11Page - IC-Haus GmbH IC-DX Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
iC-DXC
DIGITAL SENSOR I/O DRIVER
Rev B2, Page 10/12
TIMING DESCRIPTION
The iC-DXC has a built-in spurious pulse suppression
that prevents short (undesired) pulses at the input pins
from reaching the output. Every pulse at OE or NIN
pins shorter than 1.6 µs (cf. Electrical Characteristics
No. 306) will be ignored and the output will not react.
The minimum required pulse length to be sure that
the output reacts is 4 µs (cf. Electrical Characteristics
No. 307). That means that every pulse longer than
4 µs will be propagated to the output but with an addi-
tional propagation delay of 1.2 µs maximum. The result-
ing maximum propagation delay is 5.2 µs (cf. Electrical
Characteristics No. 305).
MON
CFO
tpcf
tdre
OUT
NIN
NEP
tpio
EN
ttrig()
short-circuit
Figure 8: Timing diagram in push-pull operation
mode with OE high
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
1μF
CVOUT
100nF..
iC-DXC
FILT
NEP
EN
36V
Low Side Switch
36V
=1
+
++
-
+
-
OUT
5V
NIN
GND
VB
GND
VOUT
OE
VB
..30V
VRL
VRH
CFO
MON
=1
Figure 9: Block diagram with EN and NEP internal
signals
DESIGN REVIEW: Notes On Chip Functions
iC-DXC Z
No. Function, Parameter/Code
Description and Application Hints
1
Monitor output undefined during thermal shutdown During thermal shutdown, output of MON is unde-
fined and thus should not be evalutated
Table 7: Notes on chip functions regarding iC-DXC chip version Z and previous versions
iC-DXC Z1
No. Function, Parameter/Code
Description and Application Hints
1
Monitor output works correctly during thermal shut-
down
Table 8: Notes on chip functions regarding iC-DXC version Z1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com