Electronic Components Datasheet Search
  English  ▼

X  

IC-HGP Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-HGP
Description  3A HIGH-SIDE LASER SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HGP Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-HGP Datasheet HTML 7Page - IC-Haus GmbH IC-HGP Datasheet HTML 8Page - IC-Haus GmbH IC-HGP Datasheet HTML 9Page - IC-Haus GmbH IC-HGP Datasheet HTML 10Page - IC-Haus GmbH IC-HGP Datasheet HTML 11Page - IC-Haus GmbH IC-HGP Datasheet HTML 12Page - IC-Haus GmbH IC-HGP Datasheet HTML 13Page - IC-Haus GmbH IC-HGP Datasheet HTML 14Page - IC-Haus GmbH IC-HGP Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
prel
imin
ary
prel
imin
ary
iC-HGP
3 A HIGH-SIDE LASER SWITCH
Rev A1, Page 11/20
THERMAL SHUTDOWN
iC-HGP is protected by an integrated thermal shutdown
feature. When the shutdown temperature is reached
all channels are disabled. Falling temperature after this
shutdown will unconditionally enable all channels again.
Necessary precaution to prevent damage of the laser
may be to also disable any external control circuits for
the laser output power or current control during thermal
shutdown. The error signal at pin NER can be used to
e.g. disable the control circuit.
APPLICATION EXAMPLES
VDD
Power &
Temperature
Monitor
iC-HGP
80%
60%
40%
20%
1
1
1
VDD
VDD
VDD
VDD
&
&
CVDD3
10nF
100μF
CVBL1
10nF
CVBL4
+
-
+
-
CVNBL12
1μF
+
-
RNER
10K
CVBL2
10μF
1μF
100nF
CVDD2
CVBL3
100nF
10μF
CVDD1
+
-
+
-
1μF
CVNBL34
CVNBL56
CI
10nF
NER
VBL56
LDA5
CI5
EN5
LDA6
VNBL56
CI6
EN6
ELVDS
VDD
CI
..12V
100
RLVDS
3..5.5V
EN-LVDS
EN+LVDS
NERROR
VBL12
LDA1
CI1
EN1
EN2
VNBL12
LDA2
CI2
VBL34
LDA3
CI3
EN3
LDA4
VNBL34
CI4
EN4
VDD
GND
&
&
10nF
CVDD3
CVBL1
100μF
CVBL4
10nF
10K
RNER
10μF
CVBL2
1μF
CVNBL12
RLVDS
100
10nF
CI
CVNBL34
1μF
1μF
CVNBL56
CVDD2
100nF
100nF
CVBL3
CVDD1
10μF
Figure 8: 1 channel LVDS fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com