Electronic Components Datasheet Search
  English  ▼

X  

IC-HGP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HGP
Description  3A HIGH-SIDE LASER SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HGP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HGP Datasheet HTML 1Page - IC-Haus GmbH IC-HGP Datasheet HTML 2Page - IC-Haus GmbH IC-HGP Datasheet HTML 3Page - IC-Haus GmbH IC-HGP Datasheet HTML 4Page - IC-Haus GmbH IC-HGP Datasheet HTML 5Page - IC-Haus GmbH IC-HGP Datasheet HTML 6Page - IC-Haus GmbH IC-HGP Datasheet HTML 7Page - IC-Haus GmbH IC-HGP Datasheet HTML 8Page - IC-Haus GmbH IC-HGP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
prel
imin
ary
prel
imin
ary
iC-HGP
3 A HIGH-SIDE LASER SWITCH
Rev A1, Page 3/20
PACKAGING INFORMATION QFN32 5 mm x 5 mm to JEDEC
PIN CONFIGURATION QFN32 5 mm x 5 mm
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
<D-CODE>
<A-CODE>
<P-CODE>
PIN FUNCTIONS
No. Name
Function
1 CI1
Current control voltage channel 1
2 CI2
Current control voltage channel 2
3 CI3
Current control voltage channel 3
4 GND
Ground
5 CI4
Current control voltage channel 4
6 CI5
Current control voltage channel 5
7 CI6
Current control voltage channel 6
8 VBL12
Laser supply voltage channel 1 and 2
9 VNBL12 Supply voltage channel 1 and 2
PIN FUNCTIONS
No. Name
Function
10 VBL12
Laser supply voltage channel 1 and 2
11 VBL34
Laser supply voltage channel 3 and 4
12 VNBL34 Supply voltage channel 3 and 4
13 VBL34
Laser supply voltage channel 3 and 4
14 VBL56
Laser supply voltage channel 5 and 6
15 VNBL56 Supply voltage channel 5 and 6
16 VBL56
Laser supply voltage channel 5 and 6
17 EN6
TTL switching input channel 6
Negative LVDS Input channel 5 and 6
18 EN5
TTL switching input channel 5
Positive LVDS Input channel 5 and 6
19 EN4
TTL switching input channel 4
Negative LVDS Input channel 3 and 4
20 EN3
TTL switching input channel 3
Positive LVDS Input channel 3 and 4
21 GND
Ground
22 ELVDS TTL/LVDS Fast/Slow Input selector
23 VDD
Supply voltage
24 EN2
TTL switching input channel 2
Negative LVDS Input channel 1 and 2
25 EN1
TTL switching input channel 1
Positive LVDS Input channel 1 and 2
26 LDA6
Laser diode anode channel 6
27 LDA5
Laser diode anode channel 5
28 LDA4
Laser diode anode channel 4
29 LDA3
Laser diode anode channel 3
30 LDA2
Laser diode anode channel 2
31 LDA1
Laser diode anode channel 1
32 NER
Error monitor output
TP
Thermal Pad (GND)
The Thermal Pad is to be connected to a Ground Plane (GND) on the PCB.
Only pin 1 marking on top or bottom defines the package orientation ( HGP label and coding is subject
to change).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com