Electronic Components Datasheet Search
  English  ▼

X  

IC-HGP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-HGP
Description  3A HIGH-SIDE LASER SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HGP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-HGP Datasheet HTML 1Page - IC-Haus GmbH IC-HGP Datasheet HTML 2Page - IC-Haus GmbH IC-HGP Datasheet HTML 3Page - IC-Haus GmbH IC-HGP Datasheet HTML 4Page - IC-Haus GmbH IC-HGP Datasheet HTML 5Page - IC-Haus GmbH IC-HGP Datasheet HTML 6Page - IC-Haus GmbH IC-HGP Datasheet HTML 7Page - IC-Haus GmbH IC-HGP Datasheet HTML 8Page - IC-Haus GmbH IC-HGP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
prel
imin
ary
prel
imin
ary
iC-HGP
3 A HIGH-SIDE LASER SWITCH
Rev A1, Page 2/20
DESCRIPTION
Six channel laser switch iC-HGP enables the
spike-free switching of laser diodes with well-defined
current pulses at frequencies ranging from DC to
200 MHz. The high-side circuit architecture of the
iC-HGP allows the operation of common-cathode
laser diode arrays with cathode grounded.
The diode current is determined by the voltages at
pins CIx.
The six fast switches are controlled independently via
TTL inputs. Input LVDS = hi selects LVDS type inputs
and three channel mode. TTL slow switch mode is
selected with 30% VDD and LVDS slow switch mode
with 70% VDD at input ELVDS.
The laser diode can thus be turned on and off or
switched between different current levels (LDAx con-
nected) defined by the voltages at CIx.
Each channel can be operated up to 500 mA CW and
1500 mA pulsed current depending on the frequency,
duty cycle and heat dissipation.
The integrated thermal shutdown feature protects the
iC-HGP from damage by excessive temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com