Electronic Components Datasheet Search
  English  ▼

X  

74HC2G66DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 11Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 15Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2004 May 19
12
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Type 74HC2G66 and 74HCT2G66
At recommended conditions and typical values; GND = 0 V; tr =tf = 6.0 ns; Vis is the input voltage at pins nY or nZ,
whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output.
Notes
1. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 Ω).
2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 Ω).
SYMBOL
PARAMETER
TEST CONDITIONS
TYP.
UNIT
OTHER
Vis(p-p) (V)
VCC (V)
dsin
sine-wave distortion
f = 1 kHz; RL =10kΩ;
CL = 50 pF; see Fig.14
4.0
4.5
0.04
%
8.0
9.0
0.02
%
f = 10 kHz; RL =10kΩ;
CL = 50 pF; see Fig.14
4.0
4.5
0.12
%
8.0
9.0
0.06
%
αOFF(feedthru)
switch OFF signal
feed-through
RL = 600 Ω; CL = 50 pF;
f = 1 MHz; see Figs 9 and 15
note 1
4.5
−50
dB
9.0
−50
dB
αct(s)
crosstalk between the two
switches
RL = 600 Ω; CL = 50 pF;
f = 1 MHz; see Fig 11
note 1
4.5
−60
dB
9.0
−60
dB
Vct(E-S)(p-p)
crosstalk voltage between
enable input to the switches
(peak-to-peak value)
RL = 600 Ω; CL = 50 pF;
f = 1 MHz (nE, square wave
between VCC and GND,
tr =tf = 6.0 ns); see Fig 12
note 1
4.5
110
mV
9.0
220
mV
fmax
frequency response (
−3 dB) RL =50 Ω; CL = 10 pF; see
Figs 10 and 13
note 2
4.5
180
MHz
9.0
200
MHz
CS
switch capacitance
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com