Electronic Components Datasheet Search
  English  ▼

X  

74HC2G66DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 15Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 16Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 17Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 18Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 19Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2004 May 19
16
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
AC WAVEFORMS
handbook, halfpage
MNB007
tPLH
tPHL
VM
VM
Vis
Vos
GND
VI
VOH
VOL
Fig.16 Waveforms showing input (Vis) to output (Vos) propagation delay and the output transition time.
74HC2G66: VM = 50%; VI = GND to VCC.
74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
MNB008
tPLZ
tPHZ
switch
disabled
switch
enabled
VY
VX
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nE
nY or nZ
nY or nZ
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.17 Waveforms showing turn-on and turn-off times.
VX = 10% of signal amplitude.
VY = 90% of signal amplitude.
74HC2G66: VM = 50%; VI = GND to VCC.
74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com