Electronic Components Datasheet Search
  English  ▼

X  

AD9953 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9953 Datasheet HTML 34Page - Analog Devices AD9953 Datasheet HTML 35Page - Analog Devices AD9953 Datasheet HTML 36Page - Analog Devices AD9953 Datasheet HTML 37Page - Analog Devices AD9953 Datasheet HTML 38Page - Analog Devices AD9953 Datasheet HTML 39Page - Analog Devices AD9953 Datasheet HTML 40Page - Analog Devices AD9953 Datasheet HTML 41Page - Analog Devices AD9953 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Notes on Serial Port Operation
1) The AD9953 serial port configuration bits reside in bits 8 and 9 of CFR1 (address 00h). The
configuration changes immediately upon writing to this register. For multi-byte transfers,
writing to this register may occur during the middle of a communication cycle. Care must be
taken to compensate for this new configuration for the remainder of the current
communication cycle.
2) The system must maintain synchronization with the AD9953 or the internal control logic
will not be able to recognize further instructions. For example, if the system sends an
instruction byte that describes writing a 2-byte register, then pulses the SCLK pin for a 3-
byte write (24 additional SCLK rising edges), communication synchronization is lost. In this
case, the first 16 SCLK rising edges after the instruction cycle will properly write the first
two data bytes into the AD9953, but the next eight rising SCLK edges are interpreted as the
next instruction byte, not the final byte of the previous communication cycle. In the case
where synchronization is lost between the system and the AD9953, the SYNC I/O pin
provides a means to re-establish synchronization without re-initializing the entire chip. The
SYNC I/O pin enables the user to reset the AD9953 state machine to accept the next eight
SCLK rising edges to be coincident with the instruction phase of a new communication
cycle. By applying and removing a “high” signal to the SYNC I/O pin, the AD9953 is set to
once again begin performing the communication cycle in synchronization with the system.
Any information that had been written to the AD9953 registers during a valid
communication cycle prior to loss of synchronization will remain intact.
3) Reading profile registers requires that the profile select pins (Profile<1:0>) be configured to
select the desired register bank. When reading a register that resides in one of the profiles,
the register address acts as an offset to select one of the registers among the group of
registers defined by the profile. While the profile select pins select the appropriate register
group.
Power Down Functions of the AD9953
The AD9953 supports an externally controlled, or hardware, power down feature as well as the
more common software programmable power down bits found in previous ADI DDS products.
The software control power down allows the DAC, Comparator, PLL, Input Clock circuitry and
the digital logic to be individually power down via unique control bits (CFR1<7:4>). With the
exception of CFR1<6>, these bits are not active when the externally controlled power down pin
(PwrDwnCtl) is high. External Power Down Control is supported on the AD9953 via the
PwrDwnCtl input pin. When the PwrDwnCtl input pin is high, the AD9953 will enter a power
down mode based on the CFR1<3> bit. When the PwrDwnCtl input pin is low, the external power
down control is inactive.
REV. PrB 1/30/03
Page 41
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com