Electronic Components Datasheet Search
  English  ▼

X  

AD9953 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9953 Datasheet HTML 12Page - Analog Devices AD9953 Datasheet HTML 13Page - Analog Devices AD9953 Datasheet HTML 14Page - Analog Devices AD9953 Datasheet HTML 15Page - Analog Devices AD9953 Datasheet HTML 16Page - Analog Devices AD9953 Datasheet HTML 17Page - Analog Devices AD9953 Datasheet HTML 18Page - Analog Devices AD9953 Datasheet HTML 19Page - Analog Devices AD9953 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Control Register Bit Descriptions
Control Function Register #1 (CFR1)
The CFR1 is used to control the various functions, features, and modes of the AD9954. The
functionality of each bit is detailed below.
CFR1<31>: RAM Enable bit.
When CFR1<31> = 0 (default). When CFR1<31> is inactive, the RAM is disabled
for operation. Either Single tone mode of operation or linear sweep mode of
operations is enabled.
When CFR1<31> = 1, if CFR1<31> is active, the RAM is enabled for operation.
Access control for normal operation is controlled via the mode control bits of the
RSCW for the current profile.
CFR1<30>: RAM Destination bit.
CFR1<30> = 0 (default) If CFR1<31> is active, a logic 0 on the RAM Destination
bit (CFR1<30>=0) configures the AD9954 such that RAM output drives the phase
accumulator (i.e. is the frequency tuning word). If CFR1<31> is inactive, CFR1<30>
is a don’t care.
CFR1<30> = 1 If CFR1<31> is active, a logic 1 on the RAM Destination bit
(CFR1<30>=1) configures the AD9954 such that RAM output drives the phase-
offset adder (i.e. sets the phase offset of the DDS core).
CFR1<29:27>: Internal Profile Control bits. These bits cause the Profile Bits to be ignored
and put the AD9954 into an automatic “profile loop sequence” that allows the user to
implement a frequency/phase composite sweep that runs without external inputs. See the
Internal Profile Control section of this document for details.
CFR1<26>: Amplitude ramp rate load control bit.
When CFR1<26> = 0 (default), the amplitude ramp rate timer is loaded only upon
timeout (timer ==1) and is NOT loaded due to an I/O UPDATE input signal.
When CFR1<26> = 1, the amplitude ramp rate timer is loaded upon timeout (timer
==1) or at the time of an I/O UPDATE input signal.
REV. PrB 1/30/03
Page 16
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com