Electronic Components Datasheet Search
  English  ▼

X  

AD9953 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9953
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9953 Datasheet HTML 34Page - Analog Devices AD9953 Datasheet HTML 35Page - Analog Devices AD9953 Datasheet HTML 36Page - Analog Devices AD9953 Datasheet HTML 37Page - Analog Devices AD9953 Datasheet HTML 38Page - Analog Devices AD9953 Datasheet HTML 39Page - Analog Devices AD9953 Datasheet HTML 40Page - Analog Devices AD9953 Datasheet HTML 41Page - Analog Devices AD9953 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
REV. PrB 1/30/03
Page 42
Analog Devices, Inc.
When the CFR1<3> bit is zero, and the PwrDwnCtl input pin is high, the AD9953 is put into a
“fast recovery power down” mode. In this mode, the digital logic and the DAC digital logic are
powered down. The DAC bias circuitry, comparator, PLL, oscillator, and clock input circuitry is
NOT powered down. The comparator can be powered down by setting the Comparator Power
Down Bit, CFR1<6> =1.
When the CFR1<3> bit is high, and the PwrDwnCtl input pin is high, the AD9953 is put into the
“full power down” mode. In this mode, all functions are powered down. This includes the DAC
and PLL, which take a significant amount of time to power up.
When the PwrDwnCtl input pin is high, the individual power down bits (CFR1<7>, <5:4>) are
invalid (don’t care) and are unused; however the Comparator Power Down bit, CFR1<6>, will
continue to control the power-down of the comparator. When the PwrDwnCtl input pin is low, the
individual power down bits control the power down modes of operation.
NOTE – The power down signals are all designed such that a logic 1 indicates the low power mode
and a logic zero indicates the active, or powered up mode.
The table below indicates the logic level for each power down bit that drives out of the AD9953
core logic to the analog section and the digital clock generation section of the chip for the External
Power Down operation.
Control
Mode active
Description
PwrDwnCtl = 0
CFR1<3> don’t
care
Software
Control
Digital power down = CFR1<7>
Comparator power down = CFR1<6>
DAC power down = CFR1<5>
Input Clock power down = CFR1<4>
PwrDwnCtl = 1
CFR1<3> = 0
External
Control,
Fast recovery
power down
mode
Digital power down = 1’b1;
Comparator power down = 1’b0 OR CFR1<6>;
DAC power down = 1’b0;
Input Clock power down = 1’b0;
PwrDwnCtl = 1
CFR1<3> = 1
External
Control,
Full power down
mode
Digital power down = 1’b1;
Comparator power down = 1’b1;
DAC power down = 1’b1;
Input Clock power down = 1’b1;
Table 7 Power Down Control Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com