Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF82 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 35Page - Texas Instruments ADC32RF82 Datasheet HTML 36Page - Texas Instruments ADC32RF82 Datasheet HTML 37Page - Texas Instruments ADC32RF82 Datasheet HTML 38Page - Texas Instruments ADC32RF82 Datasheet HTML 39Page - Texas Instruments ADC32RF82 Datasheet HTML 40Page - Texas Instruments ADC32RF82 Datasheet HTML 41Page - Texas Instruments ADC32RF82 Datasheet HTML 42Page - Texas Instruments ADC32RF82 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 151 page
background image
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D027
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.01
0.02
0.03
0.04
0.05
0.06
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D028
Pass Band
Transition Band
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D025
Pass Band
Transition Band
Alias Band
Attn Spec
Frequency
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D026
Pass Band
Transition Band
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D023
Passband
Attn Spec
Transition Band
Alias Band
Frequency
0
0.02
0.04
0.06
0.08
0.1
0.12
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D024
Pass Band
Transition Band
39
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.4.3.1
Divide-by-4
Peak-to-peak pass-band ripple: approximately 0.22 dB
Figure 83. Divide-by-4 Filter Response
Figure 84. Divide-by-4 Filter Response (Zoomed)
8.3.4.3.2
Divide-by-6
Peak-to-peak pass-band ripple: approximately 0.38 dB
Figure 85. Divide-by-6 Filter Response
Figure 86. Divide-by-6 Filter Response (Zoomed)
8.3.4.3.3
Divide-by-8
Peak-to-peak pass-band ripple: approximately 0.25 dB
Figure 87. Divide-by-8 Filter Response
Figure 88. Divide-by-8 Filter Response (Zoomed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com