Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF82 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 Datasheet(HTML) 64 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 60Page - Texas Instruments ADC32RF82 Datasheet HTML 61Page - Texas Instruments ADC32RF82 Datasheet HTML 62Page - Texas Instruments ADC32RF82 Datasheet HTML 63Page - Texas Instruments ADC32RF82 Datasheet HTML 64Page - Texas Instruments ADC32RF82 Datasheet HTML 65Page - Texas Instruments ADC32RF82 Datasheet HTML 66Page - Texas Instruments ADC32RF82 Datasheet HTML 67Page - Texas Instruments ADC32RF82 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 151 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [11:0]
Register Data [7:0]
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
0
1
1
0
64
ADC32RF82
SBAS869 – SEPTEMBER 2017
www.ti.com
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
3. Writing into the desired register by setting both the M bit and P bit to 1. Write register content. When a page
is selected, multiple writes into the same page can be done. Addressing in an SPI cycle begins with 6xxx, as
shown in Figure 125, when selecting a page from the digital bank because the M bit must be set to 1.
Note that the JESD digital page is common for both channels. The CH bit can be used to distinguish
between two channels when programming registers in the JESD digital page. When CH = 0, registers are
programmed for channel B; when CH = 1, registers are programmed for channel A. Thus, an SPI cycle to
program registers for channel B begins with 6xxx and channel A begins with 7xxx.
Figure 125. SPI Write Timing Diagram for Digital Bank Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com