Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF82 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF82
Description  Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF82 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC32RF82 Datasheet HTML 49Page - Texas Instruments ADC32RF82 Datasheet HTML 50Page - Texas Instruments ADC32RF82 Datasheet HTML 51Page - Texas Instruments ADC32RF82 Datasheet HTML 52Page - Texas Instruments ADC32RF82 Datasheet HTML 53Page - Texas Instruments ADC32RF82 Datasheet HTML 54Page - Texas Instruments ADC32RF82 Datasheet HTML 55Page - Texas Instruments ADC32RF82 Datasheet HTML 56Page - Texas Instruments ADC32RF82 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 151 page
background image
Test Patterns
Transport Layer
Scrambler
1+x
14+x15
Comma Characters
Initial Lane
Alignment
Link Layer
JESD204B Block
D[3:0]
SYNCB
Frame Data
Mapping
Copyright © 2016, Texas Instruments Incorporated
8b, 10b
Encoding
JESD
204B
INA
Sample Clock
SysRef
JESD204B
D[3:0]
SYNCB
JESD
204B
INB
JESD204B
D[3:0]
Copyright © 2016, Texas Instruments Incorporated
53
ADC32RF82
www.ti.com
SBAS869 – SEPTEMBER 2017
Product Folder Links: ADC32RF82
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Device Configuration
The ADC32RF82 can be configured using a serial programming interface, as described in the Serial Interface
section. In addition, the device has one dedicated parallel pin (PDN) for controlling the power-down modes.
8.4.2 JESD204B Interface
The ADC32RF82 supports device subclass 1 with a maximum output data rate of 12.5 Gbps for each serial
transmitter.
An external SYSREF signal is used to align all internal clock phases and the local multiframe clock to a specific
sampling clock edge. This alignment allows synchronization of multiple devices in a system and minimizes timing
and alignment uncertainty. Figure 117 shows that the SYNCB input is used to control the JESD204B SerDes
blocks.
Depending on the ADC sampling rate, the JESD204B output interface can be operated with one, two, or four
lanes per ADC channel. The JESD204B setup and configuration of the frame assembly parameters is controlled
through the SPI interface.
Figure 117. JESD Signal Overview
The JESD204B transmitter block shown in Figure 118 consists of the transport layer, the data scrambler, and the
link layer. The transport layer maps the ADC output data into the selected JESD204B frame data format and
manages if the ADC output data or test patterns are transmitted. The link layer performs the 8b, 10b data
encoding as well as the synchronization and initial lane alignment using the SYNC input signal. Optionally, data
from the transport layer can be scrambled.
Figure 118. JESD Digital Block Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com