Electronic Components Datasheet Search
  English  ▼

X  

RAC05-K Datasheet(PDF) 2 Page - Recom International Power

Part # RAC05-K
Description  AC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-K Datasheet(HTML) 2 Page - Recom International Power

  RAC05-K Datasheet HTML 1Page - Recom International Power RAC05-K Datasheet HTML 2Page - Recom International Power RAC05-K Datasheet HTML 3Page - Recom International Power RAC05-K Datasheet HTML 4Page - Recom International Power RAC05-K Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PA-2
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC05-K
Series
Output Load [%]
0
10
0
20
40
60
80
20
40
30
80
60
50
100
70
90
100
115VAC
230VAC
Output Load [%]
0
10
0
20
40
60
80
80
20
40
60
30
50
100
70
90
100
115VAC
230VAC
Output Load [%]
0
10
0
20
40
60
80
20
40
30
80
60
50
100
70
90
100
115VAC
230VAC
Output Load [%]
0
10
0
20
40
60
80
20
40
60
80
100
30
50
70
90
100
115VAC
230VAC
Output Load [%]
0
10
0
20
40
60
80
20
30
60
40
50
100
80
70
90
100
115VAC
230VAC
RAC05-3.3SK
RAC05-12SK
RAC05-05SK
RAC05-15SK
RAC05-24SK
Efficiency vs. Load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com