Electronic Components Datasheet Search
  English  ▼

X  

RAC05-K Datasheet(PDF) 4 Page - Recom International Power

Part # RAC05-K
Description  AC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-K Datasheet(HTML) 4 Page - Recom International Power

  RAC05-K Datasheet HTML 1Page - Recom International Power RAC05-K Datasheet HTML 2Page - Recom International Power RAC05-K Datasheet HTML 3Page - Recom International Power RAC05-K Datasheet HTML 4Page - Recom International Power RAC05-K Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PA-4
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC05-K
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
Baseplate
black plastic (UL94V-0)
silicone (UL94V-0)
FR4 (UL94V-0)
plastic (UL94V-0)
Package Dimension (LxWxH)
25.4 x 25.4 x 16.5mm
Package Weight
20g typ.
continued on next page
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Edition, 2014
Audio/Video, information and communication technology equipment - Safety
requirements
UL62368-1, 2nd Edition, 2014
CSA C22.2 Nr. 62368-1-14, 2nd Edition, 2014
Information Technology Equipment, General Requirements for Safety (CB Scheme)
E491408-A2-CB-1
IEC60950-1, 2nd Edition + AM2, 2013
EN60950-1, 1st Edition, 2006 + AM2, 2013
Audio/Video, information and communication technology equipment - Safety
requirements (CB Scheme)
OFF-4787889086-1
IEC62368-1, 2nd Edition, 2014
EN62368-1, 2014 + A11, 2017
RoHS2
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Conditions
Standard / Criterion
Low-voltage power supplies DC output - Part 3: Electromagnetic compatibility
EN61204-3:2000; Class B
ESD Electrostatic discharge immunity test
±8kV Air; ±4kV Contact
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
10V/m, 80MHz-1GHz
3V/m, 1.5GHz-2GHz
1V/m, 2GHz-2.7GHz
EN61000-4-3:2006 + A2:2010, Criteria A
Fast Transient and Burst Immunity
AC In Port: ±2kV
EN61000-4-4:2012, Criteria B
Surge Immunity
AC In Port (L-N): ±1kV
DC Output Port: ±0.5kV
EN61000-4-5:2014, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC and DC Power Port: 10V
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8: 2010, Criteria A
Voltage Dips and Interruptions
Voltages Dips: >95%
Voltage Dips: 30%
Interruptions: >95%
EN61000-4-11:2004, Criteria B
EN61000-4-11:2004, Criteria C
EN61000-4-11:2004, Criteria C
Voltage Fluctuations and Flicker in Public Low-Voltage Systems <=16A per phase
EN61000-3-3:2013



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com