Electronic Components Datasheet Search
  English  ▼

X  

RAC05-K Datasheet(PDF) 3 Page - Recom International Power

Part # RAC05-K
Description  AC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-K Datasheet(HTML) 3 Page - Recom International Power

  RAC05-K Datasheet HTML 1Page - Recom International Power RAC05-K Datasheet HTML 2Page - Recom International Power RAC05-K Datasheet HTML 3Page - Recom International Power RAC05-K Datasheet HTML 4Page - Recom International Power RAC05-K Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating (see graph)
-25°C to +70°C
Maximum Case Temperature
230VAC
+75°C
Temperature Coefficient
±0.05%/°C
Operating Altitude
3000m
Operating Humidity
non-condensing
20% to 90% RH
Design Lifetime
115VAC/60Hz and full load at +25°C
>10 x 10³ hours
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+50°C
>450 x 10³ hours
>250 x 10³ hours
Pollution Degree
PD2
Vibration
10-500Hz, 2G 10min./1cycle, period 60min. each along x,y,z axes
PA-3
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC05-K
Series
Line Derating (3)
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% typ.
Line Regulation
±0.5% typ.
Load Regulation
±1.0% typ.
Transient Response
25% load step change
Recovery Time
4.0% max.
500µs
PROTECTIONS
Parameter
Type
Value
Internal Input Fuse
T1A, slow blow
Short Circuit Protection (SCP)
Hiccup, automatic restart
Over Voltage Protection (OVP)
125% - 195%, auto recovery
Over Current Protection (OCP)
125% - 195%, auto recovery
Over Voltage Category (OVC)
OVC II
Isolation Voltage
I/P to O/P, I/P to Case and O/P to Case
tested for 1 minute
tested for 3 seconds
3kVAC
4kVAC
Isolation Resistance
I/P to O/P, Isolation Voltage 500VDC
1G
W min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
100pF max.
Insulation Grade
reinforced
Leakage Current
0.25mA max.
60
70
80
50
40
30
20
10
0
-25
0
20
40
60
50
80
100
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Input Voltage [VAC]
264
90
100
90
0
85
Notes:
Note3: No derating required for the specified DC-input range



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com