Electronic Components Datasheet Search
  English  ▼

X  

EC24C02A Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC24C02A
Description  2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02A Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC24C02A Datasheet HTML 1Page - E-CMOS Corporation EC24C02A Datasheet HTML 2Page - E-CMOS Corporation EC24C02A Datasheet HTML 3Page - E-CMOS Corporation EC24C02A Datasheet HTML 4Page - E-CMOS Corporation EC24C02A Datasheet HTML 5Page - E-CMOS Corporation EC24C02A Datasheet HTML 6Page - E-CMOS Corporation EC24C02A Datasheet HTML 7Page - E-CMOS Corporation EC24C02A Datasheet HTML 8Page - E-CMOS Corporation EC24C02A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
EC24C02A/04A/08A/16A
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 18
5H06N-Rev.F004
Description
Features
The EC24C02A/04A/08A/16A provides 2048/4096
/8192/16384 bits of serial electrically erasable and
programmable read-only memory (EEPROM) org-
anized as 256/512/1024/2048 words of 8 bits each.
The device is optimized for use in many industrial
and commercial applications where low-power and
low-voltage operation are essential.
The EC24C02A/04A/08A/16A is available in space
saving PDIP-8,SOP-8, TSSOP-8,MSOP8, DFN-8
and SOT23-5 packages and is accessed via a two-
wire serial interface.
 Wide Voltage Operation
- VCC = 1.7V to 5.5V
 Operating Ambient Temperature: -40°C to +85°C
 Internally Organized:
- EC24C02A, 256 X 8 (2K bits)
- EC24C04A, 512 X 8 (4K bits)
- EC24C08A, 1024 X 8 (8K bits)
- EC24C16A, 2048 X 8 (16K bits)
 Two-wire Serial Interface
 Schmitt Trigger, Filtered Inputs for Noise
Suppression
 Bidirectional Data Transfer Protocol
 1 MHz (5V), 400 kHz (1.7V, 2.5V, 2.7V)
Compatibility
 Write Protect Pin for Hardware Data Protection
 8-byte Page (2K), 16-byte Page (4K, 8K,16K)
Write Modes
 Partial Page Writes Allowed
 Self-timed Write Cycle (5 ms max)
 High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
 PDIP-8,SOP-8, TSSOP-8,MSOP-8,DFN-8 and
SOT23-5 packages
Pin Configuration
SOP-8
TSSOP-8
DFN-8
SOT23-5
(EC24C02A/04A/08A/16A)
(EC24C02A/04A/08A/16A)
(EC24C02A/04A/08A/16A)
(EC24C02A/04A/08A)
Top-View
Top-View
Bottom view
Top-View
PDIP-8
MSOP-8
(EC24C02A/04A/08A/16A)
(EC24C02A/04A/08A/16A)
Top-View
Top-View
Pin Name
Functions
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply


Similar Part No. - EC24C02A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
EC24C02BNB2CR E-CMOS-EC24C02BNB2CR Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
EC24C02BNE1CR E-CMOS-EC24C02BNE1CR Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
EC24C02BNF6CR E-CMOS-EC24C02BNF6CR Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
EC24C02BNM1CR E-CMOS-EC24C02BNM1CR Datasheet
1Mb / 17P
2Kbit I2C SERIAL EEPROM
More results

Similar Description - EC24C02A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
2K/4K/8K/16K-Bit Serial E2PROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com