Electronic Components Datasheet Search
  English  ▼

X  

EC24C02A Datasheet(PDF) 15 Page - E-CMOS Corporation

Part # EC24C02A
Description  2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C02A Datasheet(HTML) 15 Page - E-CMOS Corporation

Back Button EC24C02A Datasheet HTML 10Page - E-CMOS Corporation EC24C02A Datasheet HTML 11Page - E-CMOS Corporation EC24C02A Datasheet HTML 12Page - E-CMOS Corporation EC24C02A Datasheet HTML 13Page - E-CMOS Corporation EC24C02A Datasheet HTML 14Page - E-CMOS Corporation EC24C02A Datasheet HTML 15Page - E-CMOS Corporation EC24C02A Datasheet HTML 16Page - E-CMOS Corporation EC24C02A Datasheet HTML 17Page - E-CMOS Corporation EC24C02A Datasheet HTML 18Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
EC24C02A/04A/08A/16A
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 15 of 18
5H06N-Rev.F004
Mechanical Dimensions
OUTLINE DRAWING TSSOP-8
Available package types:EC24C02A/04A/08A/16A
Top View
End View
Side View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
MAX
D
2.80
3.20
E
6.20
6.60
E1
4.20
4.60
A
-
1.20
A2
0.80
1.15
b
0.19
0.30
e
0.65 BSC
L
0.45
0.75
L1
1.00 BSC
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com