Electronic Components Datasheet Search
  English  ▼

X  

EC3689 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC3689
Description  800KHz Synchronous Step-up Converter with 5.5A Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3689 Datasheet(HTML) 6 Page - E-CMOS Corporation

  EC3689 Datasheet HTML 1Page - E-CMOS Corporation EC3689 Datasheet HTML 2Page - E-CMOS Corporation EC3689 Datasheet HTML 3Page - E-CMOS Corporation EC3689 Datasheet HTML 4Page - E-CMOS Corporation EC3689 Datasheet HTML 5Page - E-CMOS Corporation EC3689 Datasheet HTML 6Page - E-CMOS Corporation EC3689 Datasheet HTML 7Page - E-CMOS Corporation EC3689 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 8
4E02N-Rev.P001
800KHz Synchronous Step-up
Converter with 5.5A Switches
EC3689
Detailed Description
The EC3689 is based on a fixed frequency current mode pulse width modulation topology. The peak current of the
NMOS switch is sensed to limit the maximum current flowing through the switch and the inductor. The typical peak
current limit is set to 5.5A. An internal temperature sensor prevents the device from getting overheated in case of
excessive power dissipation.
Application Information
Because of the high integration of EC3689, the application circuit is simple. Only input capacitor CIN, output
Capacitor COUT, inductor L, output feedback resistors R3, R4 need to be selected for the targeted applications
specifications.
Setting the Output Voltage
The EC3689 output voltage can be adjusted with an external resistor divider (See Figure 1). The typical value of
the voltage on the FB pin is 500mV. The maximum allowed value for the output voltage is 5.5 V. Choose the
bottomresistor R4 in the 100k
Ω~500kΩ range to set the divider current at 1 µA or higher. The value of resistor R3,
depending on the needed output voltage VOUT, can be calculated using Equation 1:
Inductor Selection
The inductor DC current rating should be greater (by some margin) than the maximum input average current. The
highest peak current through the inductor and the switch depends on the output load, converter efficiency
η, the
input voltage (VIN), and the output voltage (VOUT). Estimation of the maximum average inductor current can be
done using Equation 2:
For example, for an output current of 2A at 5V with 90% efficiency, at least 3.8A of average current flows through
the inductor at a minimum input voltage of 2.9V.
The EC3689 step-up converters have been optimized to operate with an effective inductance in the range of 1µ H to
2.2µH and with output capacitors in the range of 20µ F to 100µ F. The internal compensation is optimized for an
output filter of L = 1.5µH and COUT = 20µF. Larger or smaller inductor values can be used to optimize the
performance of the device for specific operating conditions.
Input Capacitor
Place at least a 10 µF input ceramic capacitor close to the IC is to improve transient behavior of the regulator and
EMI behavior of the total power supply circuit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com