Electronic Components Datasheet Search
  English  ▼

X  

EC3689 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3689
Description  800KHz Synchronous Step-up Converter with 5.5A Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3689 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3689 Datasheet HTML 1Page - E-CMOS Corporation EC3689 Datasheet HTML 2Page - E-CMOS Corporation EC3689 Datasheet HTML 3Page - E-CMOS Corporation EC3689 Datasheet HTML 4Page - E-CMOS Corporation EC3689 Datasheet HTML 5Page - E-CMOS Corporation EC3689 Datasheet HTML 6Page - E-CMOS Corporation EC3689 Datasheet HTML 7Page - E-CMOS Corporation EC3689 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
800KHz Synchronous Step-up
Converter with 5.5A Switches
EC3689
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
4E02N-Rev.P001
Figure 1. EC3689 Typical Application Circuit
General Description
The EC3689 devices provide a power supply solution for
products powered by either a one-cell Li-Ion or Li-polymer
battery. The converter generates a stable output voltage
that is either adjusted by an external resistor divider or
fixed internally on the chip. It provides high efficient power
conversion and is capable of delivering output currents up
to 2.1A at 5.3V at a supply voltage down to 2.9V. The
maximum peak current in the step-up switch is limited to a
value of 5.5A. The EC3689 operates at 800KHz switching
frequency and enters pulse-skip-mode (PSM) operation at
light load currents to maintain high efficiency over the
entire load current range. During shutdown, the load is
completely disconnected from the battery.
Features
◆ Synchronous Step-up Converter with 2.1A Output
Current From 2.9V Input
◆ Wide VIN Range From 2.9V to 5.5V
◆ Input Under-voltage Lockout Protection
◆ Fixed and Adjustable Output Voltage
◆ Built-in Output Over-voltage Protection
◆ Light-Load Pulse Skip Mode
◆ Load Disconnect During Shutdown
◆ Output Short Circuit Protection
◆ Thermal Shutdown Protection
◆ Available in a SOP8(Exposed PAD) Packages
APPLICATIONS
◆ Power Bank
◆ USB Charging Port (5V)
◆ DC/DC Micro Modules


Similar Part No. - EC3689

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EC36 ECM-EC36 Datasheet
101Kb / 6P
Epoxy Coated Axial Chokes
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
logo
Productwell Precision E...
EC36-100K PRODUCTWELL-EC36-100K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-101K PRODUCTWELL-EC36-101K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
EC36-120K PRODUCTWELL-EC36-120K Datasheet
103Kb / 5P
CONFORMAL COATED INDUCTORS
More results

Similar Description - EC3689

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP38875 MPS-MP38875 Datasheet
595Kb / 14P
15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
logo
Linear Technology
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Monolithic Power System...
EV3421-G-00A MPS-EV3421-G-00A Datasheet
399Kb / 7P
5.5A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
logo
TECH PUBLIC Electronics...
TP6841S6 TECHPUBLIC-TP6841S6 Datasheet
2Mb / 9P
40V 0.8A 800khz Synchronous Step-Dowm Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com