Electronic Components Datasheet Search
  English  ▼

X  

EC5602 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5602
Description  High Slew Rate Rail-to-Rail Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5602 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5602 Datasheet HTML 4Page - E-CMOS Corporation EC5602 Datasheet HTML 5Page - E-CMOS Corporation EC5602 Datasheet HTML 6Page - E-CMOS Corporation EC5602 Datasheet HTML 7Page - E-CMOS Corporation EC5602 Datasheet HTML 8Page - E-CMOS Corporation EC5602 Datasheet HTML 9Page - E-CMOS Corporation EC5602 Datasheet HTML 10Page - E-CMOS Corporation EC5602 Datasheet HTML 11Page - E-CMOS Corporation EC5602 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EC5602
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 12
6A27N Rev. F002
1
The maximum power dissipation actually produced by an IC is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
PDmax = Σ[VS * ISmax + (VS+ – VO) * IL]
When sourcing, and
PDmax = Σ[VS * ISmax + (VO – VS-) * IL]
When sinking.
Where:
i = 1 to 2
VS = Total Supply Voltage
ISmax = Maximum Supply Current Per Amplifier
VO = Maximum Output Voltage of the Application
IL= Load current
RL= Load Resistance = (VS+ – VO)/IL = (VO – VS-)/ IL
A calculation for RL to prevent device from overheat can be easily solved by setting the two PDmax equations equal to
each other.
Package
Θja
(℃/W)
Θjc
(℃/W)
MSOP-8
201
78
SOP-8(EXPOSED PAD)
60
16
TSSOP-8
230
69
Driving Capacitive Loads
The EC5602 is designed to drive a wide range of capacitive loads. In addition, the output current handling capability of
the device allows for good slewing characteristics even with large capacitive loads. The combination of these features
make the EC5602 ideally for applications such as TFT LCD panel grayscale reference voltage buffers, ADC input
amplifiers, etc.
As load capacitance increases, however, the -3dB bandwidth of the device will decrease and the peaking increase.
less peaking is desired in these applications, a small series resistor (usually between 5Ω
series with the output. However, this will obviously reduce the gain slightly. Another method of reducing peaking is to
add a "snubber" circuit at the output. A snubber is a shunt load consisting of a resistor in series with a capacitor. Values
of
nF are typical. The advantage of a snubber is that it improves the settling and overshooting
performance while does not draw any DC load current or reduce the gain.
Power Supply Bypassing and Printed Circuit Board Layout
With high phase margin, the EC5602 performs stable gain at high frequency. Like any high-frequency device, good
layout of the printed circuit board usually comes with optimum performance. Ground plane construction is highly
recommended, lead lengths should be as short as possible and the power supply pins must be well bypassed to
reduce the risk of oscillation. For normal single supply operation, where the VS- pin is connected to ground, a 0.1µF
ceramic capacitor should be placed from VS+ pin to VS- pin as a bypassing capacitor. A 4.7µF tantalum capacitor should
then be connected in parallel, placed in the region of the amplifier. One 4.7µF capacitor may be used for multiple
devices. This same capacitor combination should be placed at each supply pin to ground if split supplies are to be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com