Electronic Components Datasheet Search
  English  ▼

X  

EC5602 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5602
Description  High Slew Rate Rail-to-Rail Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5602 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5602 Datasheet HTML 1Page - E-CMOS Corporation EC5602 Datasheet HTML 2Page - E-CMOS Corporation EC5602 Datasheet HTML 3Page - E-CMOS Corporation EC5602 Datasheet HTML 4Page - E-CMOS Corporation EC5602 Datasheet HTML 5Page - E-CMOS Corporation EC5602 Datasheet HTML 6Page - E-CMOS Corporation EC5602 Datasheet HTML 7Page - E-CMOS Corporation EC5602 Datasheet HTML 8Page - E-CMOS Corporation EC5602 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EC5602
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 12
6A27N Rev. F002
1
Absolute maximum ratings (TA = 25 °C)
Values beyond absolute maximum ratings may cause permanent damage to the device. These are stress ratings only; functional
device operation is not implied. Exposure to AMR conditions for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Supply Voltage between VS+ and VS-
Vs
18
V
Input Voltage
(For rail to rail)
Vin
Vs- -0.5
V
Vs+ +0.5
V
Maximum Continuous Output Current
Iout
30
mA
Maximum Junction Temperature
TJ
+125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Lead temperature
Tlead
260
°C
ESD Voltage
VESD
2
KV
All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only.
Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Important Note:
Package Marking Indication
MSOP-8
SOP-8
TSSOP-8
EC5602-G
5602-HG
EC5602-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com